Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF1507 Datasheet(PDF) 253 Page - Microchip Technology

Part # PIC16LF1507
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1507 Datasheet(HTML) 253 Page - Microchip Technology

Back Button PIC16LF1507 Datasheet HTML 249Page - Microchip Technology PIC16LF1507 Datasheet HTML 250Page - Microchip Technology PIC16LF1507 Datasheet HTML 251Page - Microchip Technology PIC16LF1507 Datasheet HTML 252Page - Microchip Technology PIC16LF1507 Datasheet HTML 253Page - Microchip Technology PIC16LF1507 Datasheet HTML 254Page - Microchip Technology PIC16LF1507 Datasheet HTML 255Page - Microchip Technology PIC16LF1507 Datasheet HTML 256Page - Microchip Technology PIC16LF1507 Datasheet HTML 257Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 278 page
background image
 2011-2015 Microchip Technology Inc.
DS40001586D-page 253
PIC16(L)F1507
FIGURE 26-49:
LFINTOSC FREQUENCY OVER VDD AND TEMPERATURE, PIC16LF1507 ONLY
FIGURE 26-50:
LFINTOSC FREQUENCY OVER VDD AND TEMPERATURE, PIC16F1507 ONLY
Typical
Max.
Min.
20
22
24
26
28
30
32
34
36
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
VDD (V)
Max: Typical + 3 (-40°C to +125°C)
Typical: statistical mean @ 25°C
Min: Typical - 3 (-40°C to +125°C)
Typical
Max.
Min.
20
22
24
26
28
30
32
34
36
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
Max: Typical + 3 (-40°C to +125°C)
Typical: statistical mean @ 25°C
Min: Typical - 3 (-40°C to +125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com