Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF1503-I/SL. Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16LF1503-I/SL.
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 97Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 98Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 99Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 100Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 101Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 102Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 103Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 104Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 352 page
background image
 2011-2015 Microchip Technology Inc.
DS40001607D-page 101
PIC16(L)F1503
11.5
PORTC Registers
11.5.1
DATA REGISTER
PORTC is a 8-bit wide, bidirectional port. The
corresponding data direction register is TRISC
(Register 11-8). Setting a TRISC bit (= 1) will make the
corresponding PORTC pin an input (i.e., disable the
output driver). Clearing a TRISC bit (= 0) will make the
corresponding PORTC pin an output (i.e., enable the
output driver and put the contents of the output latch
on the selected pin). Example 11-1 shows how to
initialize an I/O port.
Reading the PORTC register (Register 11-7) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then written
to the PORT data latch (LATC).
11.5.2
DIRECTION CONTROL
The TRISC register (Register 11-8) controls the PORTC
pin output drivers, even when they are being used as
analog inputs. The user should ensure the bits in the
TRISC register are maintained set when using them as
analog inputs. I/O pins configured as analog input always
read ‘0’.
11.5.3
ANALOG CONTROL
The ANSELC register (Register 11-10) is used to
configure the Input mode of an I/O pin to analog.
Setting the appropriate ANSELC bit high will cause all
digital reads on the pin to be read as ‘0’ and allow
analog functions on the pin to operate correctly.
The state of the ANSELC bits has no effect on digital out-
put functions. A pin with TRIS clear and ANSELC set will
still operate as a digital output, but the Input mode will be
analog. This can cause unexpected behavior when exe-
cuting read-modify-write instructions on the affected
port.
11.5.4
PORTC FUNCTIONS AND OUTPUT
PRIORITIES
Each PORTC pin is multiplexed with other functions. The
pins, their combined functions and their output priorities
are shown in Table 11-5.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the highest priority.
Analog input and some digital input functions are not
included in the output priority list. These input functions
can remain active when the pin is configured as an
output. Certain digital input functions override other
port functions and are included in the output priority list.
Note:
The ANSELC bits default to the Analog
mode after Reset. To use any pins as
digital general purpose or peripheral
inputs, the corresponding ANSEL bits
must be initialized to ‘0’ by user software.
TABLE 11-5:
PORTC OUTPUT PRIORITY
Pin Name
Function Priority(1)
RC0
CLC2
RC0
RC1
NCO1(2)
PWM4
RC1
RC2
SDO(2)
RC2
RC3
PWM2
RC3
RC4
CWG1B
C2OUT
RC4
RC5
CWG1A
CLC1(3)
PWM1
RC5
Note 1:
Priority listed from highest to lowest.
2:
Default pin (see APFCON register).
3:
Alternate pin (see APFCON register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com