Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF1503-I/SL. Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC16LF1503-I/SL.
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 109Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 110Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 111Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 112Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 113Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 114Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 115Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 116Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 352 page
background image
 2011-2015 Microchip Technology Inc.
DS40001607D-page 113
PIC16(L)F1503
15.0
ANALOG-TO-DIGITAL
CONVERTER (ADC) MODULE
The
Analog-to-Digital
Converter
(ADC)
allows
conversion of an analog input signal to a 10-bit binary
representation of that signal. This device uses analog
inputs, which are multiplexed into a single sample and
hold circuit. The output of the sample and hold is
connected to the input of the converter. The converter
generates a 10-bit binary result via successive
approximation and stores the conversion result into the
ADC result registers (ADRESH:ADRESL register pair).
Figure 15-1 shows the block diagram of the ADC.
The ADC voltage reference is software selectable to be
either internally generated or externally supplied.
The ADC can generate an interrupt upon completion of
a conversion. This interrupt can be used to wake-up the
device from Sleep.
FIGURE 15-1:
ADC BLOCK DIAGRAM
VRPOS
VRNEG
Enable
DACx_output
FVR_buffer1
Temp Indicator
CHS<4:0>
External
Channel
Inputs
GO/DONE
complete
start
ADC
Sample Circuit
Writetobit
GO/DONE
VSS
VDD
VREF+ pin
VDD
ADPREF
10-bit Result
ADRESH
ADRESL
16
ADFM
10
Internal
Channel
Inputs
.
.
.
AN0
ANa
ANz
set bit ADIF
VSS
ADON
sampled
input
Q1
Q2
Q4
Fosc
Divider
FOSC
FOSC/n
FRC
ADC
Clock
Select
ADC_clk
ADCS<2:0>
FRC
ADC CLOCK SOURCE
Trigger Select
Trigger Sources
...
TRIGSEL<3:0>
AUTO CONVERSION
TRIGGER
Positive
Reference
Select
Rev. 10-000033A
7/30/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com