Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF1503-I/SL. Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC16LF1503-I/SL.
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 117Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 118Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 119Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 120Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 121Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 122Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 123Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 124Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 352 page
background image
 2011-2015 Microchip Technology Inc.
DS40001607D-page 121
PIC16(L)F1503
REGISTER 15-3:
ADCON2: ADC CONTROL REGISTER 2
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
U-0
U-0
U-0
TRIGSEL<3:0>(1)
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-4
TRIGSEL<3:0>:
Auto-Conversion Trigger Selection bits(1)
0000
= No auto-conversion trigger selected
0001
=Reserved
0010
=Reserved
0011
= Timer0 – T0_overflow(2)
0100
= Timer1 – T1_overflow(2)
0101
= Timer2 – T2_match
0110
= Comparator C1 – C1OUT_sync
0111
= Comparator C2 – C2OUT_sync
1000
= CLC1 – LC1_out
1001
= CLC2 – LC2_out
1010
=Reserved
1011
=Reserved
1100
=Reserved
1101
=Reserved
1110
=Reserved
1111
= Reserved
bit 3-0
Unimplemented:
Read as ‘0’
Note 1:
This is a rising edge sensitive input for all sources.
2:
Signal also sets its corresponding interrupt flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com