Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGJ3P Datasheet(PDF) 169 Page - STMicroelectronics

Part # STM32L4R5VGJ3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3P Datasheet(HTML) 169 Page - STMicroelectronics

Back Button STM32L4R5VGJ3P Datasheet HTML 165Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 166Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 167Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 168Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 169Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 170Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 171Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 172Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 306 page
background image
Table 43. Current consumption in Sleep and Low-power sleep modes,
Flash ON and power supplied by external SMPS
Symbol
Parameter
Conditions(1)
TYP
Unit
-
VDD12
fHCLK
25°C
55°C
85°C
105°C
125°C
IDD(Sleep)
Supply current in
Run mode
fHCLK = fHSE up to
48 MHz included,
bypass mode PLL
ON above 48
MHz all
peripherals
disable
VDD12=1.20V
120 MHz
1.68
1.89
2.51
3.37
4.81
mA
VDD12=1.10V
80 MHz
1.01
1.17
1.67
2.37
3.59
72 MHz
0.92
1.08
1.58
2.30
3.54
64 MHz
0.83
0.99
1.51
2.21
3.45
48 MHz
0.77
0.93
1.44
2.16
3.40
32 MHz
0.56
0.72
1.22
1.92
3.16
26 MHz
0.47
0.63
1.10
1.79
3.02
16 MHz
0.33
0.50
0.97
1.64
2.87
8 MHz
0.22
0.38
0.84
1.53
2.74
4 MHz
0.16
0.32
0.80
1.47
2.70
2 MHz
0.14
0.27
0.75
1.45
2.65
1 MHz
0.12
0.26
0.75
1.42
2.63
100 KHz
0.11
0.25
0.73
1.40
2.63
1. All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com