Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGJ3P Datasheet(PDF) 187 Page - STMicroelectronics

Part # STM32L4R5VGJ3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3P Datasheet(HTML) 187 Page - STMicroelectronics

Back Button STM32L4R5VGJ3P Datasheet HTML 183Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 184Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 185Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 186Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 187Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 188Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 189Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 190Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 306 page
background image
DocID030321 Rev 3
187/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Electrical characteristics
281
tWUSTBY
Wakeup time
from Standby
mode to Run
mode
Range 1
Wakeup clock MSI = 8 MHz
30.7
47.8
µs
Wakeup clock MSI = 4 MHz
40.4
55.6
tWUSTBY
SRAM2
Wakeup time
from Standby
with SRAM2 to
Run mode
Range 1
Wakeup clock MSI = 8 MHz
32.1
49.1
Wakeup clock MSI = 4 MHz
41.5
55.5
tWUSHDN
Wakeup time
from
Shutdown
mode to Run
mode
Range 1
Wakeup clock MSI = 4 MHz
265.0 339.4
1. Guaranteed by characterization results.
Table 54. Regulator modes transition times(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Typ
Max
Unit
tWULPRUN
Wakeup time from Low- power run
mode to Run mode(2)
2. Time until REGLPF flag is cleared in PWR_SR2.
Code run with MSI 2 MHz
5
7
μs
tVOST
Regulator transition time from
Range 2 to Range 1 or
Range 1 to Range 2(3)
3. Time until VOSF flag is cleared in PWR_SR2.
Code run with MSI 24 MHz
20
40
Table 55. Wakeup time using USART/LPUART(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUUSART
tWULPUART
Wakeup time needed to calculate
the maximum USART/LPUART
baudrate allowing to wakeup up
from stop mode when
USART/LPUART clock source is
HSI
Stop mode 0
-
1.7
μs
Stop mode 1/2
-
8.5
Table 53. Low-power mode wakeup timings(1) (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com