Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32MP151A_V01 Datasheet HTML 107Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 108Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 109Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 110Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 111Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 112Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 113Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 114Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 245 page
background image
Port E
PE7
-
-
QUADSPI_
BK2_IO0
-
FMC_D4/
FMC_DA4
-
-
EVENTOUT
PE8
-
-
QUADSPI_
BK2_IO1
-
FMC_D5/
FMC_DA5
-
-
EVENTOUT
PE9
-
-
QUADSPI_
BK2_IO2
-
FMC_D6/
FMC_DA6
-
-
EVENTOUT
PE10
-
-
QUADSPI_
BK2_IO3
-
FMC_D7/
FMC_DA7
-
-
EVENTOUT
PE11
-
-
SAI2_SD_B
-
FMC_D8/
FMC_DA8
DCMI_D4
LCD_G3
EVENTOUT
PE12
SDMMC1_
D0DIR
-
SAI2_SCK_B
-
FMC_D9/
FMC_DA9
-
LCD_B4
EVENTOUT
PE13
-
-
SAI2_FS_B
-
FMC_D10/
FMC_DA10
DCMI_D6
LCD_DE
EVENTOUT
PE14
UART8_RTS/
UART8_DE
-
SAI2_MCLK_B
SDMMC1_
D123DIR
FMC_D11/
FMC_DA11
LCD_G0
LCD_CLK
EVENTOUT
PE15
UART8_CTS
-
FMC_NCE2
-
FMC_D12/
FMC_DA12
-
LCD_R7
EVENTOUT
Port F
PF0
-
SDMMC3_D0
SDMMC3_
CKIN
-
FMC_A0
-
-
EVENTOUT
PF1
-
SDMMC3_CMD
SDMMC3_
CDIR
-
FMC_A1
-
-
EVENTOUT
PF2
-
SDMMC2_
D0DIR
SDMMC3_
D0DIR
SDMMC1_
D0DIR
FMC_A2
-
-
EVENTOUT
Table 9. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SPI6/SAI2/
USART3/
UART4/5/8/
SDMMC1/2/
SPDIFRX
TIM13/14/
QUADSPI/
SDMMC2/3/
LCD/SPDIFRX
SAI2/4/
QUADSPI/
FMC/
SDMMC2/3/
OTG_FS/
OTG_HS
DFSDM1/
QUADSPI/
SDMMC1/
MDIOS/ETH1
SAI4/UART5/
FMC/SDMMC1/
MDIOS
UART7/DCMI/
LCD/RNG
UART5/LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com