Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 149 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 145Page - STMicroelectronics STM32MP151A Datasheet HTML 146Page - STMicroelectronics STM32MP151A Datasheet HTML 147Page - STMicroelectronics STM32MP151A Datasheet HTML 148Page - STMicroelectronics STM32MP151A Datasheet HTML 149Page - STMicroelectronics STM32MP151A Datasheet HTML 150Page - STMicroelectronics STM32MP151A Datasheet HTML 151Page - STMicroelectronics STM32MP151A Datasheet HTML 152Page - STMicroelectronics STM32MP151A Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 245 page
background image
DS12500 Rev 1
149/245
STM32MP151A
Electrical characteristics
228
Figure 19. Typical application with a 32.768 kHz crystal
1. An external resistor is not required between OSC32_IN and OSC32_OUT and it is forbidden to add one.
6.3.9
Internal clock source characteristics
The parameters given in Table 33, Table 34 and Table 35 are derived from tests performed
under ambient temperature and VDD supply voltage conditions summarized in Table 13:
General operating conditions.
64 MHz high-speed internal RC oscillator (HSI)
ai17531b
OSC32_OU T
OSC32_IN
fLSE
CL1
RF
STM32
32.768 kH z
resonator
Resonator with
integrated capacitors
Bias
controlled
gain
CL2
Table 33. HSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
HSI frequency
VDD = 3.3 V, TJ = 30 °C
TBD
64
TBD
MHz
TRIM
HSI user trimming step
Trimming is not a multiple
of 32
TBD
0.33
TBD
%
Trimming is 128, 256 and
384
TBD
-2.43
TBD
Trimming is 64, 192, 320
and 448
TBD
-0.70
TBD
Other trimming are a
multiple of 32 (not
including multiple of 64
and 128)
TBD
-0.30
TBD
DuCy(HSI)
Duty Cycle
-
45
-
55
%
∆VDD (HSI)
HSI oscillator frequency drift over
VDD (reference is 3.3 V)
VDD = 1.71 to 3.6 V
-0.12
-
0.03
%
∆TEMP (HSI)
HSI oscillator frequency drift over
temperature (reference is 64 MHz)
With Temperature Trimming
TJ = -20 to 110 °C
TBD
-
TBD
%
TJ = -40 to 125 °C
-2.62
-
2.08
∆TEMP_NOT
RIM (HSI)
HSI oscillator frequency drift over
temperature (reference is 64 MHz)
Without Temperature Trimming
TJ = -20 to 110 °C
TBD
-
TBD
%
T J =-40 to 125 °C
-4
-
2.5
tsu(HSI)
HSI oscillator start-up time (Time
between Enable rising and First
output clock edge.)
-
-
1.47
TBD
µs
tstab(HSI)
HSI oscillator stabilization time
at 1% of target frequency
-
3
TBD
µs
IDD(HSI)
HSI oscillator power consumption
-
-
300
TBD
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com