Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151AAD3 Datasheet(PDF) 198 Page - STMicroelectronics

Part # STM32MP151AAD3
Description  Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151AAD3 Datasheet(HTML) 198 Page - STMicroelectronics

Back Button STM32MP151AAD3 Datasheet HTML 194Page - STMicroelectronics STM32MP151AAD3 Datasheet HTML 195Page - STMicroelectronics STM32MP151AAD3 Datasheet HTML 196Page - STMicroelectronics STM32MP151AAD3 Datasheet HTML 197Page - STMicroelectronics STM32MP151AAD3 Datasheet HTML 198Page - STMicroelectronics STM32MP151AAD3 Datasheet HTML 199Page - STMicroelectronics STM32MP151AAD3 Datasheet HTML 200Page - STMicroelectronics STM32MP151AAD3 Datasheet HTML 201Page - STMicroelectronics STM32MP151AAD3 Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 245 page
background image
Electrical characteristics
STM32MP151A
198/245
DS12500 Rev 1
Table 76. DAC accuracy
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Unit
DNL
Differential
non
linearity(2)
DAC output buffer ON
-
±2
TBD
LSB
DAC output buffer OFF
-
±2
TBD
INL
Integral non
linearity(3)
DAC output buffer ON,
CL≤50 pF, RL≥5 kΩ
-±4
TBD
LSB
DAC output buffer OFF,
CL ≤ 50 pF, no RL
-±4
TBD
Offset
Offset error
at code
0x800 (3)
DAC output
buffer ON,
CL ≤ 50 pF,
RL ≥ 5 kΩ
VREF+ =
3.6 V
-±12
TBD
LSB
VREF+ =
1.8 V
-±25
TBD
DAC output buffer OFF,
CL ≤ 50 pF, no RL
-±8
TBD
Offset1
Offset error
at code
0x001(4)
DAC output buffer OFF,
CL ≤ 50 pF, no RL
-±5
TBD
LSB
OffsetCal
Offset error
at code
0x800 after
factory
calibration
DAC output
buffer ON,
CL ≤ 50 pF,
RL ≥ 5 kΩ
VREF+ =
3.6 V
-±5
TBD
LSB
VREF+ =
1.8 V
-±7
TBD
Gain
Gain error(5)
DAC output buffer ON,
CL ≤ 50 pF, RL ≥ 5 kΩ
-±1
TBD
%
DAC output buffer OFF,
CL ≤ 50 pF, no RL
-±1
TBD
TUE
Total
unadjusted
error
DAC output buffer ON,
CL ≤ 50 pF, RL ≥ 5 kΩ
-±30
TBD
LSB
DAC output buffer OFF,
CL ≤ 50 pF, no RL
±12
TBD
TUECal
Total
unadjusted
error after
calibration
DAC output
buffer ON,
CL ≤ 50 pF,
RL ≥ 5 kΩ
VREF+=3.6 V
-
±10
TBD
LSB
VREF+=1.8 V
±8
TBD
SNR
Signal-to-
noise ratio(6)
DAC output buffer
ON,CL ≤ 50 pF, RL ≥ 5 kΩ,
1 kHz, BW = 500 kHz
-
67.8
-
dB
THD
Total
harmonic
distorsion(6)
DAC output buffer ON,
CL ≤ 50 pF, RL ≥ 5 kΩ,
1kHz
-78.6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com