Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151AAC3 Datasheet(PDF) 140 Page - STMicroelectronics

Part # STM32MP151AAC3
Description  Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151AAC3 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STM32MP151AAC3 Datasheet HTML 136Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 137Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 138Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 139Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 140Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 141Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 142Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 143Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 245 page
background image
Table 25. Current consumption in VBAT mode
Symbol Parameter
Conditions
Typ
Max
Unit
-
VBAT
(V)
Tj =
25 °C
Tj =
55 °C
Tj =
85 °C
Tj =
105 °C
Tj =
125 °C
Tj =
25 °C
Tj =
55 °C
Tj =
85 °C
Tj =
105 °C
Tj =
125 °C
IDDVBAT
Supply
current in
VBAT mode
Backup SRAM
OFF, RTC OFF,
LSE OFF
Retention
RAM
OFF
1.6
0.007
0.022
0.130
0.395
1.10
-----
µA
2.4
0.008
0.024
0.140
0.420
1.15
-----
3
0.012
0.032
0.170
0.490
1.30
-----
3.3
0.041
0.100
0.520
1.45
3.90
-----
3.6
0.073
0.150
0.620
1.65
4.20
-----
Backup SRAM
OFF, RTC ON,.
LSE ON,
medium_high
drive
1.6
7.80
14.0
32.5
54.5
88.5
-----
2.4
8.35
14.5
33.5
55.5
89.0
-----
3
8.75
15.0
34.5
57.5
92.0
-----
3.3
9.15
15.5
35.5
59.5
96.0
-----
3.6
9.95
16.0
36.5
61.0
98.0
-----
Backup SRAM
ON, RTC ON,.
LSE ON, high
drive
1.6
7.90
14.5
32.0
55.5
90.0
-----
2.4
8.50
15.0
33.0
57.0
91.0
-----
3
9.15
16.0
34.5
58.5
93.5
-----
3.3
8.85
16.5
35.5
61.0
98.0
-----
3.6
10.0
17.0
36.5
62.5
100
-----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com