Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151AAC3 Datasheet(PDF) 150 Page - STMicroelectronics

Part # STM32MP151AAC3
Description  Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151AAC3 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STM32MP151AAC3 Datasheet HTML 146Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 147Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 148Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 149Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 150Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 151Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 152Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 153Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 245 page
background image
Electrical characteristics
STM32MP151A
150/245
DS12500 Rev 1
4 MHz low-power internal RC oscillator (CSI)
40 kHz low-speed internal (LSI) RC oscillator
1. Guaranteed by design unless otherwise specified.
Table 34. CSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCSI
CSI frequency
VDD = 3.3 V, TJ = 30 °C TBD(2)
4TBD(2)
MHz
TRIM
Trimming step
Trimming code is not a
multiple of 16
-0.85
TBD
%
Trimming code is a
multiple of 16
TBD
-3.5
TBD
DuCy(CSI)
Duty Cycle
-
TBD
54
TBD
%
∆VDD (CSI) +
∆TEMP (CSI)
CSI oscillator frequency drift over
VDD & drift over temperature
VDD = 1.71 to 3.6 V
TJ = 0 to 85 °C
TBD
±1.43(3)
TBD
%
tsu(CSI)
CSI oscillator startup time
-
-
2
TBD
µs
tstab(CSI)
CSI oscillator stabilization time
(to reach ±5% of fCSI)
TJ = 0 to 85 °C
-
5
TBD
cycle
IDD(CSI)
CSI oscillator power consumption
-
-
30
TBD
µA
1. Guaranteed by design.
2. Guaranteed by test in production.
3. Guaranteed by characterization results.
Table 35. LSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
LSI frequency
TJ = 25 °C,
VDD = 3.3 V
(after calibration)
TBD
32
TBD
kHz
TJ = 0 to 110 °C,
VDD = 1.71 to 3.6 V
TBD
32
TBD
TJ = -40 to 110 °C,
VDD = 1.71 to 3.6 V
TBD
32
TBD
TJ = -40 to 125 °C,
VDD = 1.71 to 3.6 V (after
calibration)
TBD
32
TBD
tsu(LSI)(1)
LSI oscillator startup time (Time
between Enable rising and First
output clock edge.)
--
64
TBD
µs
tstab(LSI)(1)
LSI oscillator stabilization time
(5% of final value)
--
110
TBD
IDD(LSI)(1)
LSI oscillator power
consumption
--
120
TBD
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com