Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151AAC3 Datasheet(PDF) 190 Page - STMicroelectronics

Part # STM32MP151AAC3
Description  Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151AAC3 Datasheet(HTML) 190 Page - STMicroelectronics

Back Button STM32MP151AAC3 Datasheet HTML 186Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 187Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 188Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 189Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 190Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 191Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 192Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 193Page - STMicroelectronics STM32MP151AAC3 Datasheet HTML 194Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 245 page
background image
Electrical characteristics
STM32MP151A
190/245
DS12500 Rev 1
Table 72. Minimum sampling time versus RAIN with 47 pF PCB capacitor
up to 125 °C and VDDA = 1.6 V(1)
Resolution(2)
RAIN (Ω)
Fast
channels(3)
Slow
channels(4)
16 bits
47(5)
1.07E-07
1.66E-07
14 bits
47
9.08E-08
1.44E-07
68
9.67E-07
1.51E-07
100
1.08E-07
1.57E-07
150
1.28E-07
1.71E-07
220(5)
1.61E-07
1.92E-07
12 bits
47
7.67E-08
1.25E-07
68
8.15E-08
1.27E-07
100
8.98E-08
1.34E-07
150
1.07E-07
1.46E-07
220
1.32E-07
1.69E-07
330
1.77E-07
2.05E-07
470
2.36E-07
2.64E-07
680
3.29E-07
3.45E-07
1000(5)
4.62E-07
4.88E-07
10 bits
47
6.25E-08
1.03E-07
68
6.62E-08
1.06E-07
100
7.27E-08
1.12E-07
150
8.54E-08
1.21E-07
220
1.06E-07
1.37E-07
330
1.40E-07
1.68E-07
470
1.87E-07
2.09E-07
680
2.58E-07
2.79E-07
1000
3.67E-07
3.81E-07
1500
5.37E-07
5.52E-07
2200
7.76E-07
7.86E-07
3300
1.13E-06
1.14E-06
4700(5)
1.60E-06
1.60E-06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com