Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U073M8I6 Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32U073M8I6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073M8I6 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32U073M8I6 Datasheet HTML 111Page - STMicroelectronics STM32U073M8I6 Datasheet HTML 112Page - STMicroelectronics STM32U073M8I6 Datasheet HTML 113Page - STMicroelectronics STM32U073M8I6 Datasheet HTML 114Page - STMicroelectronics STM32U073M8I6 Datasheet HTML 115Page - STMicroelectronics STM32U073M8I6 Datasheet HTML 116Page - STMicroelectronics STM32U073M8I6 Datasheet HTML 117Page - STMicroelectronics STM32U073M8I6 Datasheet HTML 118Page - STMicroelectronics STM32U073M8I6 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 146 page
background image
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A2
-
0.38
-
-
0.0150
-
A3 (if applicable)
-
0.025
-
-
0.0010
-
b(4)
0.23
0.25
0.28
0.0090
0.0098
0.0110
D(5)
2.82 BSC
0.1110 BSC
D1(5)
2.078 BSC
0.0818 BSC
E(5)
2.93 BSC
0.1153 BSC
E1(5)
2.200 BSC
0.0866 BSC
eD(5)(6)
0.693 BSC
0.0273 BSC
eE(5)(6)
0.400 BSC
0.0157 BSC
eS(5)(6)
0.400 BSC
0.0157 BSC
N(7)
42
SD(5)(8)
0.346 BSC
0.0136 BSC
SE(5)(8)
0.300 BSC
0.0118 BSC
aaa(9)
0.030
0.0012
bbb(9)
0.060
0.0023
ccc(9)
0.030
0.0012
ddd(9)
0.015
0.0006
eee(9)
0.050
0.0020
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. The profile height A is the distance from the seating plane to the highest point on the package. It is measured perpendicular
to the seating plane.
3. A1 is defined as the distance from the seating plane to the lowest point on the package body.
4. Dimension b is measured at the maximum diameter of the terminal (ball) in a plane parallel to Datum C.
5. BSC stands for BASIC dimensions. It corresponds to the nominal value and has no tolerance. For tolerances, refer to form
and position table. On the drawing, these dimensions are framed. For the tolerances, refer to form and position values.
6. e represents the solder balls grid pitch(es).
7. N represents the total number of balls.
8. Basic dimensions SD & SE are defining the ball matrix position with respect to datums A and B.
9. Tolerance of form and position drawing
Figure 37. WLCSP42 - Footprint example
Dpad
Dsm
STM32U073x8/B/C
Package information
DS14548 - Rev 2
page 115/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com