Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U073MBU6TR Datasheet(PDF) 138 Page - STMicroelectronics

Part # STM32U073MBU6TR
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073MBU6TR Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STM32U073MBU6TR Datasheet HTML 134Page - STMicroelectronics STM32U073MBU6TR Datasheet HTML 135Page - STMicroelectronics STM32U073MBU6TR Datasheet HTML 136Page - STMicroelectronics STM32U073MBU6TR Datasheet HTML 137Page - STMicroelectronics STM32U073MBU6TR Datasheet HTML 138Page - STMicroelectronics STM32U073MBU6TR Datasheet HTML 139Page - STMicroelectronics STM32U073MBU6TR Datasheet HTML 140Page - STMicroelectronics STM32U073MBU6TR Datasheet HTML 141Page - STMicroelectronics STM32U073MBU6TR Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 146 page
background image
Contents
1
Introduction .......................................................................3
2
Description ........................................................................4
3
Functional overview ...............................................................7
3.1
Arm® Cortex®-M0+ core with MPU ................................................ 7
3.2
Adaptive real-time memory accelerator (ART Accelerator) ............................ 7
3.3
Memory protection unit .......................................................... 7
3.4
Memories ..................................................................... 8
3.4.1
Embedded flash memory .................................................. 8
3.4.2
Embedded SRAM ....................................................... 8
3.5
Boot modes................................................................... 9
3.6
Power supply management ...................................................... 9
3.6.1
Power supply schemes ................................................... 9
3.6.2
Power supply supervisor ................................................. 10
3.6.3
Voltage regulator ....................................................... 11
3.6.4
VBAT operation ......................................................... 11
3.7
Low-power modes ............................................................ 12
3.8
Peripheral interconnect matrix .................................................. 14
3.9
Reset and clock controller (RCC) ................................................ 15
3.9.1
Reset mode ........................................................... 15
3.9.2
Clocks and startup ...................................................... 15
3.10
Clock recovery system (CRS) ................................................... 16
3.11
General-purpose inputs/outputs (GPIOs) ......................................... 16
3.12
Direct memory access controller (DMA)........................................... 17
3.13
DMA request multiplexer (DMAMUX) ............................................. 17
3.14
Interrupts and events .......................................................... 17
3.14.1
Nested vectored interrupt controller (NVIC).................................... 17
3.14.2
Extended interrupt/event controller (EXTI) .................................... 18
3.15
Cyclic redundancy check calculation unit (CRC).................................... 18
3.16
Analog-to-digital converter (ADC) ................................................ 18
3.16.1
Temperature sensor ..................................................... 18
3.16.2
Internal voltage reference (VREFINT) ......................................... 19
3.16.3
VBAT battery voltage monitoring ............................................ 19
3.17
Digital-to-analog converter (DAC) ................................................ 19
3.18
Voltage reference buffer (VREFBUF) ............................................ 20
3.19
Comparators (COMP) ......................................................... 20
STM32U073x8/B/C
Contents
DS14548 - Rev 2
page 138/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com