Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2ACOLFZCZR Datasheet(PDF) 151 Page - Texas Instruments

Part # AM263P2ACOLFZCZR
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P2ACOLFZCZR Datasheet(HTML) 151 Page - Texas Instruments

Back Button AM263P2ACOLFZCZR Datasheet HTML 147Page - Texas Instruments AM263P2ACOLFZCZR Datasheet HTML 148Page - Texas Instruments AM263P2ACOLFZCZR Datasheet HTML 149Page - Texas Instruments AM263P2ACOLFZCZR Datasheet HTML 150Page - Texas Instruments AM263P2ACOLFZCZR Datasheet HTML 151Page - Texas Instruments AM263P2ACOLFZCZR Datasheet HTML 152Page - Texas Instruments AM263P2ACOLFZCZR Datasheet HTML 153Page - Texas Instruments AM263P2ACOLFZCZR Datasheet HTML 154Page - Texas Instruments AM263P2ACOLFZCZR Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 168 page
background image
AM263P
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
H1
K3
L2
M1
P1
J1
K4
P3
K2
M4
J4
L1
J3
10kΩ
VDDS33
4.7kΩ
PORz
VDDS33
Open-Drain Output
Buffer
For all NC pins, do
not connect any PCB
trace
For pin L1, place
pull-up resistor as
close to SoC as
possible
Figure 8-1. ZCZ_F Package OSPI Connection Requirements
8.1.4 UART Implementation
UART0 port is used during the UART boot mode and also used for UART fallback boot mode (Refer to AM263P
Technical Reference Manual for more details). Thus the UART0 port is recommended to be brought out to a
connector or a header for debug and failure analysis.
The below are the UART0 port pins that are recommended to be brought out for debugging.
• UART0_RXD - Ball Number A7
• UART0_TXD - Ball Number A6
www.ti.com
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
151
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com