Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE512M-RGLA3:P-TY Datasheet(PDF) 189 Page - Integrated Silicon Solution, Inc

Part # IS25LE512M-RGLA3:P-TY
Description  SERIAL FLASH MEMORY 133/112MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE512M-RGLA3:P-TY Datasheet(HTML) 189 Page - Integrated Silicon Solution, Inc

Back Button IS25LE512M-RGLA3:P-TY Datasheet HTML 181Page - Integrated Silicon Solution, Inc IS25LE512M-RGLA3:P-TY Datasheet HTML 182Page - Integrated Silicon Solution, Inc IS25LE512M-RGLA3:P-TY Datasheet HTML 183Page - Integrated Silicon Solution, Inc IS25LE512M-RGLA3:P-TY Datasheet HTML 184Page - Integrated Silicon Solution, Inc IS25LE512M-RGLA3:P-TY Datasheet HTML 185Page - Integrated Silicon Solution, Inc IS25LE512M-RGLA3:P-TY Datasheet HTML 186Page - Integrated Silicon Solution, Inc IS25LE512M-RGLA3:P-TY Datasheet HTML 187Page - Integrated Silicon Solution, Inc IS25LE512M-RGLA3:P-TY Datasheet HTML 188Page - Integrated Silicon Solution, Inc IS25LE512M-RGLA3:P-TY Datasheet HTML 189Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 189 / 189 page
background image
IS25LE512M
IS25WE512M
Integrated Silicon Solution, Inc.- www.issi.com
189
Rev. A6
06/16/2025
Note:
1. A3 meets AEC-Q100 requirements with PPAP.
Temp Grades: E= -40 to 105
°C, A3= -40 to 125°C
Density,
Voltage
Frequency (MHz)
Order Part Number
Package
512M,
3V
STR 133,
DTR 66
IS25LE512M-JLLE
8-contact WSON 8x6mm
IS25LE512M-RMLE
16-pin SOIC 300mil
IS25LE512M-RGLE
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25LE512M-RHLE
24-ball TFBGA 6x8mm 5x5 ball array
IS25LE512M-TMLE
16-pin SOIC 300mil
IS25LE512M-TGLE
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25LE512M-THLE
24-ball TFBGA 6x8mm 5x5 ball array
IS25LE512M-JLLA3
8-contact WSON (8x6mm)
IS25LE512M-RMLA3
16-pin SOIC 300mil
IS25LE512M-RGLA3
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25LE512M-RHLA3
24-ball TFBGA 6x8mm 5x5 ball array
IS25LE512M-TMLA3
16-pin SOIC 300mil
IS25LE512M-TGLA3
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25LE512M-THLA3
24-ball TFBGA 6x8mm 5x5 ball array
512M,
1.8V
STR 112,
DTR 66
IS25WE512M-JLLE
8-contact WSON 8x6mm
IS25WE512M-RMLE
16-pin SOIC 300mil
IS25WE512M-RGLE
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25WE512M-RHLE
24-ball TFBGA 6x8mm 5x5 ball array
IS25WE512M-TMLE
16-pin SOIC 300mil
IS25WE512M-TGLE
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25WE512M-THLE
24-ball TFBGA 6x8mm 5x5 ball array
IS25WE512M-JLLA3
8-contact WSON (8x6mm)
IS25WE512M-RMLA3
16-pin SOIC 300mil
IS25WE512M-RGLA3
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25WE512M-RHLA3
24-ball TFBGA 6x8mm 5x5 ball array
IS25WE512M-TMLA3
16-pin SOIC 300mil
IS25WE512M-TGLA3
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25WE512M-THLA3
24-ball TFBGA 6x8mm 5x5 ball array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com