Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE128E-RJLA3:P-TY Datasheet(PDF) 196 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLA3:P-TY
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLA3:P-TY Datasheet(HTML) 196 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLA3:P-TY Datasheet HTML 189Page - Integrated Silicon Solution, Inc IS25LE128E-RJLA3:P-TY Datasheet HTML 190Page - Integrated Silicon Solution, Inc IS25LE128E-RJLA3:P-TY Datasheet HTML 191Page - Integrated Silicon Solution, Inc IS25LE128E-RJLA3:P-TY Datasheet HTML 192Page - Integrated Silicon Solution, Inc IS25LE128E-RJLA3:P-TY Datasheet HTML 193Page - Integrated Silicon Solution, Inc IS25LE128E-RJLA3:P-TY Datasheet HTML 194Page - Integrated Silicon Solution, Inc IS25LE128E-RJLA3:P-TY Datasheet HTML 195Page - Integrated Silicon Solution, Inc IS25LE128E-RJLA3:P-TY Datasheet HTML 196Page - Integrated Silicon Solution, Inc IS25LE128E-RJLA3:P-TY Datasheet HTML 197Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 196 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
196
Rev.A9
03/07/2023
Density,
Voltage
Frequency (MHz)
Order Part Number
Package
256M,
3V
STR 133,
DTR 80
IS25LE256E-JLLE
8-contact WSON 8x6mm
IS25LE256E-JMLE
16-pin SOIC 300mil
IS25LE256E-JGLE
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25LE256E-JHLE
24-ball TFBGA 6x8mm 5x5 ball array
IS25LE256E-RMLE
16-pin SOIC 300mil
IS25LE256E-RGLE
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25LE256E-RHLE
24-ball TFBGA 6x8mm 5x5 ball array
IS25LE256E-TMLE
16-pin SOIC 300mil
IS25LE256E-TGLE
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25LE256E-THLE
24-ball TFBGA 6x8mm 5x5 ball array
IS25LE256E-JLLA3
8-contact WSON (8x6mm)
IS25LE256E-JMLA3
16-pin SOIC 300mil
IS25LE256E-JGLA3
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25LE256E-JHLA3
24-ball TFBGA 6x8mm 5x5 ball array
IS25LE256E-RMLA3
16-pin SOIC 300mil
IS25LE256E-RGLA3
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25LE256E-RHLA3
24-ball TFBGA 6x8mm 5x5 ball array
IS25LE256E-TMLA3
16-pin SOIC 300mil
IS25LE256E-THLA3
24-ball TFBGA 6x8mm 5x5 ball array
256M,
1.8V
STR 166,
DTR 80
IS25WE256E-JLLE
8-contact WSON 8x6mm
IS25WE256E-JMLE
16-pin SOIC 300mil
IS25WE256E-JGLE
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25WE256E-JHLE
24-ball TFBGA 6x8mm 5x5 ball array
IS25WE256E-RMLE
16-pin SOIC 300mil
IS25WE256E-RGLE
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25WE256E-RHLE
24-ball TFBGA 6x8mm 5x5 ball array
IS25WE256E-TMLE
16-pin SOIC 300mil
IS25WE256E-TGLE
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25WE256E-THLE
24-ball TFBGA 6x8mm 5x5 ball array
IS25WE256E-JLLA3
8-contact WSON (8x6mm)
IS25WE256E-JMLA3
16-pin SOIC 300mil
IS25WE256E-JGLA3
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25WE256E-JHLA3
24-ball TFBGA 6x8mm 5x5 ball array
IS25WE256E-RMLA3
16-pin SOIC 300mil
IS25WE256E-RGLA3
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25WE256E-RHLA3
24-ball TFBGA 6x8mm 5x5 ball array
IS25WE256E-TMLA3
16-pin SOIC 300mil
IS25WE256E-THLA3
24-ball TFBGA 6x8mm 5x5 ball array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com