Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RHLA2:P-TR Datasheet(PDF) 178 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RHLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RHLA2:P-TR Datasheet(HTML) 178 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RHLA2:P-TR Datasheet HTML 174Page - Integrated Silicon Solution, Inc IS25LEG-RHLA2:P-TR Datasheet HTML 175Page - Integrated Silicon Solution, Inc IS25LEG-RHLA2:P-TR Datasheet HTML 176Page - Integrated Silicon Solution, Inc IS25LEG-RHLA2:P-TR Datasheet HTML 177Page - Integrated Silicon Solution, Inc IS25LEG-RHLA2:P-TR Datasheet HTML 178Page - Integrated Silicon Solution, Inc IS25LEG-RHLA2:P-TR Datasheet HTML 179Page - Integrated Silicon Solution, Inc IS25LEG-RHLA2:P-TR Datasheet HTML 180Page - Integrated Silicon Solution, Inc IS25LEG-RHLA2:P-TR Datasheet HTML 181Page - Integrated Silicon Solution, Inc IS25LEG-RHLA2:P-TR Datasheet HTML 182Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
178
Rev. A3
10/02/2025
8.73 WRITE ECC REGISTER OPERATION (WRECC, B5h)
A Write ECC Register (WRECC) instruction is used to set bit [0] of ECC Register to “1” to disable ECC and clear
bit [0] to “0” to enable ECC. Only bit [0] is available for ECC register write operation. Write data for bit [47:1] is
ignored, so 1 byte write with bit [0] data is used for Write ECC Register operation.
Example:
Set bit [0] to “1” (Disable ECC): [FFh]
Clear bit [0] to “0” (Enable ECC): [00h]
Before the WRECC command can be accepted by the device, a Write Enable (WREN) command is required.
The WRECC command is entered by driving CE# low, followed by the instruction code and 8-bit data byte.
CE# must be driven high after the eighth bit of data has been latched in. As soon as CE# is driven high, the WRECC
operation is initiated.
Figure 8.160 Write ECC Register Sequence In SPI Mode
Instruction = B3h
CE#
SCK
SI
SO
0
1
...
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
Data In
7
3
2
1
0
6
5
4
Figure 8.161 Write ECC Register Sequence In QPI Mode
15h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
Data In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com