Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RHLA2:P-TR Datasheet(PDF) 193 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RHLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RHLA2:P-TR Datasheet(HTML) 193 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RHLA2:P-TR Datasheet HTML 185Page - Integrated Silicon Solution, Inc IS25LEG-RHLA2:P-TR Datasheet HTML 186Page - Integrated Silicon Solution, Inc IS25LEG-RHLA2:P-TR Datasheet HTML 187Page - Integrated Silicon Solution, Inc IS25LEG-RHLA2:P-TR Datasheet HTML 188Page - Integrated Silicon Solution, Inc IS25LEG-RHLA2:P-TR Datasheet HTML 189Page - Integrated Silicon Solution, Inc IS25LEG-RHLA2:P-TR Datasheet HTML 190Page - Integrated Silicon Solution, Inc IS25LEG-RHLA2:P-TR Datasheet HTML 191Page - Integrated Silicon Solution, Inc IS25LEG-RHLA2:P-TR Datasheet HTML 192Page - Integrated Silicon Solution, Inc IS25LEG-RHLA2:P-TR Datasheet HTML 193Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 193 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
193
Rev. A3
10/02/2025
Notes:
1. A1: Meets AEC-Q100 requirements with PPAP.
Temp Grades: E = -40 to 105
°C, A2 = -40 to 105°C
Density,
Voltage
Frequency (MHz)
Order Part Number(1)
Package
1G,
3.0V
STR 166,
DTR 80
IS25LE01GG-JLLE
8-contact WSON 8x6mm
IS25LE01GG-JMLE
16-pin SOIC 300mil
IS25LE01GG-JHLE
24-ball TFBGA 6x8mm 5x5 ball array
IS25LE01GG-RMLE
16-pin SOIC 300mil
IS25LE01GGG-RGLE
24-ball TFBGA 6x8mm 4x6 ball array
IS25LE01GG-RHLE
24-ball TFBGA 6x8mm 5x5 ball array
IS25LE01GG-TMLE
16-pin SOIC 300mil
IS25LE01GG-TGLE
24-ball TFBGA 6x8mm 4x6 ball array
IS25LE01GG-THLE
24-ball TFBGA 6x8mm 5x5 ball array
IS25LE01GG-JLLA2
8-contact WSON (8x6mm)
IS25LE01GG-JMLA2
16-pin SOIC 300mil
IS25LE01GG-JHLA2
24-ball TFBGA 6x8mm 5x5 ball array
IS25LE01GG-RMLA2
16-pin SOIC 300mil
IS25LE01GG-RGLA2
24-ball TFBGA 6x8mm 4x6 ball array
IS25LE01GG-RHLA2
24-ball TFBGA 6x8mm 5x5 ball array
IS25LE01GG-TMLA2
16-pin SOIC 300mil
IS25LE01GG-TGLA2
24-ball TFBGA 6x8mm 4x6 ball array
IS25LE01GG-THLA2
24-ball TFBGA 6x8mm 5x5 ball array
1Gb,
1.8V
STR 133,
DTR 80
IS25WE01GG-JLLE
8-contact WSON 8x6mm
IS25WE01GG-JMLE
16-pin SOIC 300mil
IS25WE01GG-JHLE
24-ball TFBGA 6x8mm 5x5 ball array
IS25WE01GG-RMLE
16-pin SOIC 300mil
IS25WE01GG-RGLE
24-ball TFBGA 6x8mm 4x6 ball array
IS25WE01GG-RHLE
24-ball TFBGA 6x8mm 5x5 ball array
IS25WE01GG-TMLE
16-pin SOIC 300mil
IS25WE01GG-TGLE
24-ball TFBGA 6x8mm 4x6 ball array
IS25WE01GG-THLE
24-ball TFBGA 6x8mm 5x5 ball array
IS25WE01GG-JLLA2
8-contact WSON (8x6mm)
IS25WE01GG-JMLA2
16-pin SOIC 300mil
IS25WE01GG-JHLA2
24-ball TFBGA 6x8mm 5x5 ball array
IS25WE01GG-RMLA2
16-pin SOIC 300mil
IS25WE01GG-RGLA2
24-ball TFBGA 6x8mm 4x6 ball array
IS25WE01GG-RHLA2
24-ball TFBGA 6x8mm 5x5 ball array
IS25WE01GG-TMLA2
16-pin SOIC 300mil
IS25WE01GG-TGLA2
24-ball TFBGA 6x8mm 4x6 ball array
IS25WE01GG-THLA2
24-ball TFBGA 6x8mm 5x5 ball array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com