| Electronic Components Datasheet Search |
|
CY8C3885PVC-LP Datasheet(PDF) 134 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CY8C3885PVC-LP Datasheet(HTML) 134 Page - Infineon Technologies AG |
|
134 / 140 page ![]() Document Number: 001-84932 Rev. *N Page 133 of 139 PSoC® 5LP: CY8C58LP Family Datasheet PHUB peripheral hub PHY physical layer PICU port interrupt control unit PLA programmable logic array PLD programmable logic device, see also PAL PLL phase-locked loop PMDD package material declaration datasheet POR power-on reset PRES precise low-voltage reset PRS pseudo random sequence PS port read data register PSoC® Programmable System-on-Chip™ PSRR power supply rejection ratio PWM pulse-width modulator RAM random-access memory RISC reduced-instruction-set computing RMS root-mean-square RTC real-time clock RTL register transfer language RTR remote transmission request RX receive SAR successive approximation register SC/CT switched capacitor/continuous time SCL I2C serial clock SDA I2C serial data S/H sample and hold SINAD signal to noise and distortion ratio SIO special input/output, GPIO with advanced features. See GPIO. SOC start of conversion SOF start of frame SPI Serial Peripheral Interface, a communications protocol SR slew rate SRAM static random access memory SRES software reset SWD serial wire debug, a test protocol SWV single-wire viewer TD transaction descriptor, see also DMA THD total harmonic distortion Table 14-1. Acronyms Used in this Document (continued) Acronym Description TIA transimpedance amplifier TRM technical reference manual TTL transistor-transistor logic TX transmit UART Universal Asynchronous Transmitter Receiver, a communications protocol UDB universal digital block USB Universal Serial Bus USBIO USB input/output, PSoC pins used to connect to a USB port VDAC voltage DAC, see also DAC, IDAC WDT watchdog timer WOL write once latch, see also NVL WRES watchdog timer reset XRES external reset pin XTAL crystal Table 14-1. Acronyms Used in this Document (continued) Acronym Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |