Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166ACPZF8 Datasheet(PDF) 114 Page - Analog Devices

Part # ADE7166ACPZF8
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166ACPZF8 Datasheet(HTML) 114 Page - Analog Devices

Back Button ADE7166ACPZF8 Datasheet HTML 110Page - Analog Devices ADE7166ACPZF8 Datasheet HTML 111Page - Analog Devices ADE7166ACPZF8 Datasheet HTML 112Page - Analog Devices ADE7166ACPZF8 Datasheet HTML 113Page - Analog Devices ADE7166ACPZF8 Datasheet HTML 114Page - Analog Devices ADE7166ACPZF8 Datasheet HTML 115Page - Analog Devices ADE7166ACPZF8 Datasheet HTML 116Page - Analog Devices ADE7166ACPZF8 Datasheet HTML 117Page - Analog Devices ADE7166ACPZF8 Datasheet HTML 118Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 114 of 144
PLL
The ADE7566/ADE7569/ADE7166/ADE7169 are intended for use
with a 32.768 kHz watch crystal. A PLL locks onto a multiple of this
frequency to provide a stable 4.096 MHz clock for the system. The
core can operate at this frequency or at binary submultiples of it to
allow power savings when maximum core performance is not
required. The default core clock is the PLL clock divided by 4 or
1.024 MHz. The ADE energy measurement clock is derived
from the PLL clock and is maintained at 4.096 MHz/5 MHz,
819.2 kHz across all CD settings.
The PLL is controlled by the CD[2:0] bits in the Power Control
SFR (POWCON, 0xC5). To protect erroneous changes to the
POWCON SRF, a key is required to modify the register. First,
the Key SFR (KYREG, 0xC1) is written with the key, 0xA7, and
then a new value is written to the POWCON SFR.
If the PLL loses lock, the MCU is reset and the PLL_FLT bit is
set in the Peripheral Configuration SFR (PERIPH, 0xF4). Set
the PLLACK bit in the Start ADC Measurement SFR (ADCGO,
0xD8) to acknowledge the PLL fault, clearing the PLL_FLT bit.
PLL REGISTERS
Table 115. Power Control SFR (POWCON, 0xC5)
Bit
Mnemonic
Default
Description
7
Reserved
1
Reserved.
6
METER_OFF
0
Set this bit to turn off the modulators and energy metering DSP circuitry to reduce power if metering
functions are not needed in PSM0.
5
Reserved
0
This bit should be kept at 0 for proper operation.
4
COREOFF
0
Set this bit to shut down the core if in the PSM1 operating mode.
3
Reserved
Reserved.
Controls the core clock frequency (fCORE). fCORE = 4.096 MHz/2CD.
CD[2:0]
Result (fCORE in MHz)
000
4.096
001
2.048
010
1.024
011
0.512
100
0.256
101
0.128
110
0.064
2 to 0
CD[2:0]
010
111
0.032
Writing to the Power Control SFR (POWCON, 0xC5)
Note that writing data to the POWCON SFR involves writing 0xA7 into the Key SFR (KYREG, 0xC1) followed by a write to the
POWCON SFR.
Table 116. Key SFR (KYREG, 0xC1)
Bit
Mnemonic
Default
Description
7 to 0
KYREG
0
Write 0xA7 to the KYREG SFR before writing to the POWCON SFR to unlock it.
Write 0xEA to the KYREG SFR before writing to the INTPR, HTHSEC, SEC, MIN, or HOUR timekeeping
registers to unlock it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com