Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L433CBT3 Datasheet(PDF) 180 Page - STMicroelectronics

Part # STM32L433CBT3
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CBT3 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button STM32L433CBT3 Datasheet HTML 176Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 177Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 178Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 179Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 180Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 181Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 182Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 183Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 227 page
background image
Electrical characteristics
STM32L433xx
180/19
DS11449 Rev 7
6.3.25
LCD controller characteristics
The devices embed a built-in step-up converter to provide a constant LCD reference voltage
independently from the VDD voltage. An external capacitor Cext must be connected to the
VLCD pin to decouple this converter.
Table 90. LCD controller characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VLCD
LCD external voltage
-
-
3.6
V
VLCD0
LCD internal reference voltage 0
-
2.62
-
VLCD1
LCD internal reference voltage 1
-
2.76
-
VLCD2
LCD internal reference voltage 2
-
2.89
-
VLCD3
LCD internal reference voltage 3
-
3.04
-
VLCD4
LCD internal reference voltage 4
-
3.19
-
VLCD5
LCD internal reference voltage 5
-
3.32
-
VLCD6
LCD internal reference voltage 6
-
3.46
-
VLCD7
LCD internal reference voltage 7
-
3.62
-
Cext
VLCD external capacitance
Buffer OFF
(BUFEN=0 is LCD_CR register)
0.2
-
2
μF
Buffer ON
(BUFEN=1 is LCD_CR register)
1-2
ILCD(2)
Supply current from VDD at
VDD = 2.2 V
Buffer OFF
(BUFEN=0 is LCD_CR register)
-3-
μA
Supply current from VDD at
VDD = 3.0 V
Buffer OFF
(BUFEN=0 is LCD_CR register)
-1.5
-
IVLCD
Supply current from VLCD
(VLCD = 3 V)
Buffer OFF
(BUFFEN = 0, PON = 0)
-0.5
-
μA
Buffer ON
(BUFFEN = 1, 1/2 Bias)
-0.6
-
Buffer ON
(BUFFEN = 1, 1/3 Bias)
-0.8
-
Buffer ON
(BUFFEN = 1, 1/4 Bias)
-1-
RHN
Total High Resistor value for Low drive resistive network
-
5.5
-
MΩ
RLN
Total Low Resistor value for High drive resistive network
-
240
-
kΩ
V44
Segment/Common highest level voltage
-
VLCD
-
V
V34
Segment/Common 3/4 level voltage
-
3/4 VLCD
-
V23
Segment/Common 2/3 level voltage
-
2/3 VLCD
-
V12
Segment/Common 1/2 level voltage
-
1/2 VLCD
-
V13
Segment/Common 1/3 level voltage
-
1/3 VLCD
-
V14
Segment/Common 1/4 level voltage
-
1/4 VLCD
-
V0
Segment/Common lowest level voltage
-
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com