Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD34-18-6SN-059 Datasheet(PDF) 155 Page - TE Connectivity Ltd

Part # HD34-18-6SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD34-18-6SN-059 Datasheet(HTML) 155 Page - TE Connectivity Ltd

Back Button HD34-18-6SN-059 Datasheet HTML 151Page - TE Connectivity Ltd HD34-18-6SN-059 Datasheet HTML 152Page - TE Connectivity Ltd HD34-18-6SN-059 Datasheet HTML 153Page - TE Connectivity Ltd HD34-18-6SN-059 Datasheet HTML 154Page - TE Connectivity Ltd HD34-18-6SN-059 Datasheet HTML 155Page - TE Connectivity Ltd HD34-18-6SN-059 Datasheet HTML 156Page - TE Connectivity Ltd HD34-18-6SN-059 Datasheet HTML 157Page - TE Connectivity Ltd HD34-18-6SN-059 Datasheet HTML 158Page - TE Connectivity Ltd HD34-18-6SN-059 Datasheet HTML 159Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 155
DEUTSCH MODIFICATION LIST
MOD #
SERIES
DESCRIPTION
K
K001
AEC
Molded-in shell marking, remove blue stripe, end cap
K003
DT16
Plug, 15 cavity DT with two size 12 contacts and 13 size 16 contacts, enhanced seal retention (P012), end cap, black
K004
DT16
Plug, 18 cavity DT with 18 size 16 contacts, enhanced seal retention (P012), end cap, black
KP
KP01
DT16
Plug, six cavity DT with six size 16 contacts, enhanced seal retention (P012), end cap, green
L
L001
HD30
Same as -059 (cable clamp)
L003
HD30
Cable clamp adapter (-072)
L005
HD30
Cable clamp adapter (-072) without drain holes
L006
HD30
-059 modification using adapter without drain holes
L009
DTHD
Sealed flange, inside mount
L011
DRC
Wire router
L012
DT, DTP,
DTM
Welded flange
L013
DTHD
Sealed flange, outside mount
L015
HDP20
Threaded adapter for backshell strain relief
L017
HDP20
Ring adapter for backshell strain relief
L018
DRB
Wire router
L020
HD30
Removes #10 eyelet from the dust cap chain
L024
HDP20
Wide threaded adapter for backshell strain relief
L072
HD30
Adapter ring
LC
LC01
DT
Reduced diameter seals (E seal), enhanced seal retention (P012), black, DIN backshell adapter
LE
LE01
DT
Sealed flange, inside mount, gasket, end cap
LE03
DT
Sealed flange, outside mount, o-ring sold separately, end cap, NOTE: DT04-08PA-LE03 comes with shrink boot adapter and o-ring on
flange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com