Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM13-08PA-R004 Datasheet(PDF) 117 Page - TE Connectivity Ltd

Part # DTM13-08PA-R004
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTM13-08PA-R004 Datasheet(HTML) 117 Page - TE Connectivity Ltd

Back Button DTM13-08PA-R004 Datasheet HTML 113Page - TE Connectivity Ltd DTM13-08PA-R004 Datasheet HTML 114Page - TE Connectivity Ltd DTM13-08PA-R004 Datasheet HTML 115Page - TE Connectivity Ltd DTM13-08PA-R004 Datasheet HTML 116Page - TE Connectivity Ltd DTM13-08PA-R004 Datasheet HTML 117Page - TE Connectivity Ltd DTM13-08PA-R004 Datasheet HTML 118Page - TE Connectivity Ltd DTM13-08PA-R004 Datasheet HTML 119Page - TE Connectivity Ltd DTM13-08PA-R004 Datasheet HTML 120Page - TE Connectivity Ltd DTM13-08PA-R004 Datasheet HTML 121Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 117
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Bolt, retaining, AEC17-40P*
0526-009-0090
Washer, for AEC17-40P* jackscrew assembly
0514-009-4001
DRC Series
Retaining bolt, DRC16, 24 way
0526-004-0090
Retaining bolt, DRC16, 40 or 70 way
0526-001-0090
Retaining bolt, DRC26, 24, 38, 40, 50, or 60 way
0526-012-0090
Retaining ring, DRC
0535-001-0001
Retaining ring, DRC, stainless steel
0535-002-0001
DTM Series
Retaining sleeve, DTM, 2 way, recept., gray
1011-040-0205
Retaining sleeve, DTM, 2 way, recept., black
1011-083-0205
Retaining sleeve, DTM, 3 way, recept., gray
1011-056-0305
Retaining sleeve, DTM, 3 way, recept., black
1011-084-0305
Retaining sleeve, DTM, 4 way, recept., gray
1011-046-0405
Retaining sleeve, DTM, 6 way, recept., gray
1011-047-0605
Retaining sleeve, DTM, 6 way, recept., black
1011-086-0605
Retaining sleeve, DTM, 8 way, recept., A key, gray
1011-048-0805
Retaining sleeve, DTM, 12 way, recept., A key, gray
1011-052-1205
Retaining sleeve, DTM, 12 way, recept., B key, black
1011-053-1205
Retaining sleeve, DTM, 12 way, recept., C key, green
1011-054-1205
Retaining sleeve, DTM, 12 way, recept., D key, brown
1011-055-1205
DTP Series
Retaining sleeve, DTP, 2 way, recept., gray
1011-120-0205
Retaining sleeve, DTP, 4 way, recept., gray
1011-118-0405
HD10 Series
Coupling ring, HD10, 3 way
0730-008-0305
Coupling ring, HD10, 5 way
0730-009-0505
Coupling ring, HD10, 6 way
0730-004-0605
Coupling ring, HD10, 4 or 9 way
0730-001-0905
HD30 Series
Bolt, cable clamp, HD30
WHDS-BOLT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com