Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DT13-12PA-R015 Datasheet(PDF) 116 Page - TE Connectivity Ltd

Part # DT13-12PA-R015
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DT13-12PA-R015 Datasheet(HTML) 116 Page - TE Connectivity Ltd

Back Button DT13-12PA-R015 Datasheet HTML 112Page - TE Connectivity Ltd DT13-12PA-R015 Datasheet HTML 113Page - TE Connectivity Ltd DT13-12PA-R015 Datasheet HTML 114Page - TE Connectivity Ltd DT13-12PA-R015 Datasheet HTML 115Page - TE Connectivity Ltd DT13-12PA-R015 Datasheet HTML 116Page - TE Connectivity Ltd DT13-12PA-R015 Datasheet HTML 117Page - TE Connectivity Ltd DT13-12PA-R015 Datasheet HTML 118Page - TE Connectivity Ltd DT13-12PA-R015 Datasheet HTML 119Page - TE Connectivity Ltd DT13-12PA-R015 Datasheet HTML 120Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 116
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
DTP Series
Boot, DTP, 2 way, recept.
DTP2P-BT
Boot, DTP, 2 way, recept., black
DTP2P-BT-BK
Boot, DTP, 2 way, plug
DTP2S-BT
Boot, DTP, 4 way, recept.
DTP4P-BT
Boot, DTP, 4 way, recept., enhanced overlap
DTP4P-BT-EN
Boot, DTP, 4 way, plug
DTP4S-BT
Boot, DTP, 4 way, plug, enhanced overlap
DTP4S-BT-EN
DTV Series
Boot, DTV, 18 way, recept., black
DTV18P-BT-BK
Boot, DTV, 18 way, plug, black
DTV18S-BT-BK
HD10 Series
Boot, HD10, 3 way, plug or recept.
HD10-3BT
Boot, HD10, 5 way, plug or recept.
HD10-5BT
Boot, HD10, 5 way, plug or recept., black
HD10-5BT-BK
Boot, HD10, 6 way, plug or recept.
HD10-6BT
Boot, HD10, 6 way, plug or recept., black
HD10-6BT-BK
Boot, HD10, 9 way, plug or recept.
HD10-9BT
Boot, HD10, 9 way, plug or recept., black
HD10-9BT-BK
HD30/HDP20 Series
Boot, HD30/HDP20, 18 shell, plug or recept.
HD30-18BT
Boot, HD30/HDP20, 18 shell, plug or recept., black
HD30-18BT-BK
Boot, HD30/HDP20, 18 shell, plug or recept., 90°, black
HD30-18BT-90-BK
Boot, HD30/HDP20, 24 shell, plug or recept.
HD30-24BT
Boot, HD30/HDP20, 24 shell, plug or recept., black
HD30-24BT-BK
Boot, HD30/HDP20, 24 shell, plug or recept., 90°, black
HD30-24BT-90-BK
Boot, rubber, HD30 cable clamp (-059), 18 shell
MS3420-12
Boot, rubber, HD30 cable clamp (-059), 24 shell
MS3420-16
CONNECTOR COMPONENTS
AEC Series
Bolt, retaining, AEC, 40 way
0526-008-0090



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com