Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM13-12PB-R008 Datasheet(PDF) 114 Page - TE Connectivity Ltd

Part # DTM13-12PB-R008
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTM13-12PB-R008 Datasheet(HTML) 114 Page - TE Connectivity Ltd

Back Button DTM13-12PB-R008 Datasheet HTML 110Page - TE Connectivity Ltd DTM13-12PB-R008 Datasheet HTML 111Page - TE Connectivity Ltd DTM13-12PB-R008 Datasheet HTML 112Page - TE Connectivity Ltd DTM13-12PB-R008 Datasheet HTML 113Page - TE Connectivity Ltd DTM13-12PB-R008 Datasheet HTML 114Page - TE Connectivity Ltd DTM13-12PB-R008 Datasheet HTML 115Page - TE Connectivity Ltd DTM13-12PB-R008 Datasheet HTML 116Page - TE Connectivity Ltd DTM13-12PB-R008 Datasheet HTML 117Page - TE Connectivity Ltd DTM13-12PB-R008 Datasheet HTML 118Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 114
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
DT Series
Boot, DT, 2 way, recept.
DT2P-BT
Boot, DT, 2 way, recept., black
DT2P-BT-BK
Boot, DT, 2 way, recept., yellow
DT2P-BT-YW
Boot, DT, 2 way, plug
DT2S-BT
Boot, DT, 2 way, plug, black
DT2S-BT-BK
Boot, DT, 2 way, plug, yellow
DT2S-BT-YW
Boot, DT, 3 way, recept.
DT3P-BT
Boot, DT, 3 way, recept., black
DT3P-BT-BK
Boot, DT, 3 way, recept., yellow
DT3P-BT-YW
Boot, DT, 3 way, plug
DT3S-BT
Boot, DT, 3 way, plug, black
DT3S-BT-BK
Boot, DT, 3 way, plug, yellow
DT3S-BT-YW
Boot, DT, 4 way, recept.
DT4P-BT
Boot, DT, 4 way, recept., black
DT4P-BT-BK
Boot, DT, 4 way, recept., yellow
DT4P-BT-YW
Boot, DT, 4 way, plug
DT4S-BT
Boot, DT, 4 way, plug, black
DT4S-BT-BK
Boot, DT, 4 way, plug, yellow
DT4S-BT-YW
Boot, DT, 6 way, recept.
DT6P-BT
Boot, DT, 6 way, recept., black
DT6P-BT-BK
Boot, DT, 6 way, recept., yellow
DT6P-BT-YW
Boot, DT, 6 way, plug
DT6S-BT
Boot, DT, 6 way, plug, black
DT6S-BT-BK
Boot, DT, 6 way, plug, red
DT6S-BT-RED
Boot, DT, 6 way, plug, yellow
DT6S-BT-YW
Boot, DT, 8 way, recept.
DT8P-BT
Boot, DT, 8 way, recept., black
DT8P-BT-BK
Boot, DT, 8 way, plug
DT8S-BT
Boot, DT, 8 way, plug, black
DT8S-BT-BK
Boot, DT, 12 way, recept.
DT12P-BT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com