Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM13-12PC-R008 Datasheet(PDF) 124 Page - TE Connectivity Ltd

Part # DTM13-12PC-R008
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTM13-12PC-R008 Datasheet(HTML) 124 Page - TE Connectivity Ltd

Back Button DTM13-12PC-R008 Datasheet HTML 120Page - TE Connectivity Ltd DTM13-12PC-R008 Datasheet HTML 121Page - TE Connectivity Ltd DTM13-12PC-R008 Datasheet HTML 122Page - TE Connectivity Ltd DTM13-12PC-R008 Datasheet HTML 123Page - TE Connectivity Ltd DTM13-12PC-R008 Datasheet HTML 124Page - TE Connectivity Ltd DTM13-12PC-R008 Datasheet HTML 125Page - TE Connectivity Ltd DTM13-12PC-R008 Datasheet HTML 126Page - TE Connectivity Ltd DTM13-12PC-R008 Datasheet HTML 127Page - TE Connectivity Ltd DTM13-12PC-R008 Datasheet HTML 128Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 124
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Cover, protective, HD10, 5 way, recept., env. sealed
HDC16-5
Cover, protective, HD10, 6 way, recept., env. sealed
HDC16-6
Cover, protective, HD10, 6 way, recept., env. sealed, black
HDC16-6-E004
Cover, protective, HD10, 6 way, plug, env. sealed
HDC14-6
Cover, protective, HD10, 9 way, recept., env. sealed
HDC16-9
Cover, protective, HD10, 9 way, recept., env. sealed, black
HDC16-9-E004
Cover, protective, HD10, 9 way, plug, env. sealed
HDC14-9
HD30/HDP20 Series
Cover, dust, HD30, 18 shell, recept., non-env. sealed, chain with eyelet
HDC36-18
Cover, dust, HD30, 18 shell, recept., non-env. sealed, no chain
HDC36-18-1E
Cover, dust, HD30, 18 shell, plug, non-env. sealed, chain with eyelet
HDC34-18
Cover, dust, HD30, 24 shell, recept., non-env. sealed, chain with eyelet
HDC36-24
Cover, dust, HD30, 24 shell, recept., non-env. sealed, no chain
HDC36-24-1E
Cover, dust, HD30, 24 shell, plug, non-env. sealed, chain with eyelet
HDC34-24
Cover, dust, HD30, 24 shell, plug, non-env. sealed, no chain
HDC34-24-1E
Cover, protective, HDP20, 18 shell, recept., env. sealed
HDC26-18
Cover, protective, HDP20, 24 shell, recept., env. sealed
HDC26-24
Cap, dust, HD30/HDP20, 24 shell, plug, non-env. sealed
EC-25
Cap, dust, HD30/HDP20, 24 shell, recept., non-env. sealed
RC-21-11
HDBox Series
Cover, protective, HDBox, screws included
5004-002-2405
HDSCS
Cover, protective, HDSCS, group A, recept. housing, env. sealed
2112299-1
Cover, protective, HDSCS, group A, tab housing, env. sealed
2112289-1
Cover, protective, HDSCS, group B, recept. housing, env. sealed
2112300-1
Cover, protective, HDSCS, group B, tab housing, env. sealed
2112291-1
Cover, protective, HDSCS, group C, recept. housing, env. sealed
2112301-1
Cover, protective, HDSCS, group C, tab housing, env. sealed
2112293-1
Cover, protective, HDSCS, group D, recept. housing, env. sealed
2112302-1
Cover, protective, HDSCS, group D, tab housing, env. sealed
2112295-1
Cover, protective, HDSCS, group E, recept. housing, env. sealed
2112303-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com