Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5CE Datasheet(PDF) 310 Page - STMicroelectronics

Part # STM32L4P5CE
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CE Datasheet(HTML) 310 Page - STMicroelectronics

Back Button STM32L4P5CE Datasheet HTML 303Page - STMicroelectronics STM32L4P5CE Datasheet HTML 304Page - STMicroelectronics STM32L4P5CE Datasheet HTML 305Page - STMicroelectronics STM32L4P5CE Datasheet HTML 306Page - STMicroelectronics STM32L4P5CE Datasheet HTML 307Page - STMicroelectronics STM32L4P5CE Datasheet HTML 308Page - STMicroelectronics STM32L4P5CE Datasheet HTML 309Page - STMicroelectronics STM32L4P5CE Datasheet HTML 310Page - STMicroelectronics STM32L4P5CE Datasheet HTML 311Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 310 / 311 page
background image
Revision history
STM32L4P5xx
310/311
DS12903 Rev 2
10-Mar-2020
2
(continued)
– Table 33: Current consumption in Run and Low-power run modes,
code with data processing running from SRAM1
– Table 34: Current consumption in Run and Low-power run modes,
code with data processing running from SRAM1 and power supplied
by external SMPS.
– Table 36: Typical current consumption in Run and Low-power run
modes, with different codes running from Flash, ART enable (Cache
ON Prefetch OFF) and power supplied by external SMPS.
– Table 38: Typical current consumption in Run and Low-power run
modes with different codes running from Flash, ART disable and
power supplied by external SMPS.
– Table 40: Typical consumption in Run and Low-power run modes, with
different codes running from SRAM1 and power supplied by external
SMPS.
– Table 41: Current consumption in Sleep and Low-power sleep mode,
Flash ON.
– Table 42: Current consumption in Sleep mode, Flash ON and power
supplied by external SMPS.
– Table 43: Current consumption in Low-power sleep mode, Flash in
power-down.
– Table 44: Current consumption in Stop 2 mode, SRAM3 disabled.
– Table 45: Current consumption in Stop 2 mode, SRAM3 enabled.
– Table 46: Current consumption in Stop 1 mode.
– Table 47: Current consumption in Stop 0 mode.
– Table 48: Current consumption in Standby mode.
– Table 49: Current consumption in Shutdown mode.
Updated:
– Table 52: Low-power mode wakeup timings wakeup times.
– Table 59: HSI16 oscillator characteristics.
– Table 60: MSI oscillator characteristics.
– Table 61: HSI48 oscillator characteristics.
– Table 64: Flash memory characteristics IDD.
– Table 68: ESD absolute maximum ratings versus packages.
– Table 76: Analog switches booster characteristics
– Table 85: VREFBUF characteristics VREFBUF_OUT.
– Section 7.5: WLCSP100 package information.
– Table 135: Package thermal characteristics.
Table 137. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com