Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5VG Datasheet(PDF) 309 Page - STMicroelectronics

Part # STM32L4P5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5VG Datasheet(HTML) 309 Page - STMicroelectronics

Back Button STM32L4P5VG Datasheet HTML 303Page - STMicroelectronics STM32L4P5VG Datasheet HTML 304Page - STMicroelectronics STM32L4P5VG Datasheet HTML 305Page - STMicroelectronics STM32L4P5VG Datasheet HTML 306Page - STMicroelectronics STM32L4P5VG Datasheet HTML 307Page - STMicroelectronics STM32L4P5VG Datasheet HTML 308Page - STMicroelectronics STM32L4P5VG Datasheet HTML 309Page - STMicroelectronics STM32L4P5VG Datasheet HTML 310Page - STMicroelectronics STM32L4P5VG Datasheet HTML 311Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 309 / 311 page
background image
DS12903 Rev 2
309/311
STM32L4P5xx
Revision history
310
9
Revision history
Table 137. Document revision history
Date
Revision
Changes
19-Dec-2019
1
Initial release.
10-Mar-2020
2
Updated Cover.
Updated ‘DAC1&2’ in ‘DAC1’ in:
– Figure 1: STM32L4P5xx block diagram.
– Table 2: STM32L4P5xx features and peripheral counts.
– Table 4: STM32L4P5xx modes overview.
– Table 5: Functionalities depending on the working mode.
– Table 6: STM32L4P5xx peripherals interconnect matrix.
– Table 51: STM32L4P5xx peripheral current consumption
Updated VDD12 voltage range ‘1.00 V to1.32 V’ in:
– Section 3.7.1: Power supply schemes.
– Figure 26: STM32L4P5xx power supply scheme.
Updated:
– Table 14: Legend/abbreviations used in the pinout table adding note.
– Table 18: Voltage characteristics VREF+ data.
Updated current consumptions in:
– Table 25: Current consumption in Run and Low-power run modes,
code with data processing running from Flash in single Bank, ART
enable (Cache ON Prefetch OFF).
– Table 26: Current consumption in Run and Low-power run modes,
code with data processing running from Flash in single Bank, ART
enable (Cache ON Prefetch OFF) and power supplied by external
SMPS.
– Table 27: Current consumption in Run and Low-power run modes,
code with data processing running from Flash in dual bank, ART
enable (Cache ON Prefetch OFF).
– Table 28: Consumption in Run and Low-power run modes, code with
data processing running from Flash in dual bank, ART enable (Cache
ON Prefetch OFF) and power supplied by external SMPS.
– Table 29: Current consumption in Run and Low-power run modes,
code with data processing running from Flash in single bank, ART
disable.
– Table 30: Current consumption in Run and Low-power run modes,
code with data processing running from Flash in single bank, ART
disable and power supplied by external SMPS.
– Table 31: Current consumption in Run and Low-power run modes,
code with data processing running from Flash in dual bank, ART
disable.
– Table 32: Current consumption in Run and Low-power run modes,
code with data processing running from Flash in dual bank, ART
disable and power supplied by external SMPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com