Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5CEU6 Datasheet(PDF) 151 Page - STMicroelectronics

Part # STM32L4P5CEU6
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button STM32L4P5CEU6 Datasheet HTML 147Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 148Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 149Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 150Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 151Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 152Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 153Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 154Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 311 page
background image
Table 31. Current consumption in Run and Low-power run modes,
code with data processing running from Flash in dual bank, ART disable
Symbol Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Run)
Supply
current in
Run mode
fHCLK =
fHSE up to
48MHz
included,
bypass mode
PLL ON
above 48
MHz all
peripherals
disable
Range 2
26 MHz
3.70
4.05
5.05
6.50
9.15
4.7
5.6
7.6
11
17
mA
16 MHz
2.50
2.85
3.85
5.25
7.85
3.2
4.1
6.1
9.4
16
8 MHz
1.10
1.75
2.75
4.15
6.75
1.7
2.7
4.7
8
14
4 MHz
0.82
1.15
2.15
3.55
6.15
1.2
2
4
7.3
14
2 MHz
0.53
0.86
1.85
3.20
5.85
0.8
1.6
3.6
6.9
13
1 MHz
0.38
0.71
1.70
3.05
5.70
0.6
1.4
3.4
6.7
13
100 KHz
0.25
0.58
1.55
2.95
5.55
0.4
1.2
3.2
6.5
13
Range 1
Boost
Mode
120 MHz
16.00
16.50
18.00
20.00
23.50
19
21
24
28
36
Range 1
Normal
Mode
80 MHz
12.00
12.50
14.00
16.00
19.00
15
16
19
23
30
72 MHz
11.00
11.50
13.00
14.50
18.00
13
15
18
22
29
64 MHz
9.65
10.00
11.50
13.50
16.50
12
13
16
20
27
48 MHz
8.10
8.65
9.95
12.00
15.00
11
12
15
19
26
32 MHz
5.80
6.30
7.60
9.35
12.50
7.3
8.5
12
16
23
24 MHz
4.45
4.90
6.15
7.95
11.00
5.6
6.7
9.3
14
21
16 MHz
3.15
3.65
4.85
6.65
9.75
4.1
5.2
7.7
12
19
IDD
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disable
2 MHz
485
900
2000
3600
6400
800
1800
4200
7800
15000
µA
1 MHz
355
730
1850
3400
6200
580
1600
4000
7600
14000
400 KHz
240
630
1750
3300
6100
420
1400
3800
7500
14000
100 KHz
175
580
1700
3250
6050
370
1400
3700
7500
14000
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com