Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5CEU6 Datasheet(PDF) 162 Page - STMicroelectronics

Part # STM32L4P5CEU6
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button STM32L4P5CEU6 Datasheet HTML 158Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 159Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 160Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 161Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 162Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 163Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 164Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 165Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 311 page
background image
Table 41. Current consumption in Sleep and Low-power sleep mode, Flash ON
Symbol
Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C 125°C
IDD
(Sleep)
Supply
current in
Sleep mode
fHCLK = fHSE
up to 48MHz
included,
bypass mode
PLL ON above
48 MHz all
peripherals
disable
Range 2
26 MHz
0.98
1.30
2.30
3.75
6.35
1.4
2.2
4.2
7.5
14
mA
16 MHz
0.70
1.05
2.00
3.45
6.05
1
1.8
3.8
7.1
14
8 MHz
0.47
0.80
1.75
3.20
5.80
0.72
1.5
3.5
6.8
13
4 MHz
0.35
0.69
1.65
3.10
5.65
0.57
1.4
3.4
6.7
13
2 MHz
0.30
0.63
1.60
3.00
5.60
0.5
1.3
3.3
6.6
13
1 MHz
0.27
0.60
1.55
3.00
5.55
0.46
1.3
3.3
6.5
13
100 KHz
0.24
0.57
1.55
2.95
5.55
0.43
1.2
3.2
6.5
13
Range 1
Boost
Mode
120 MHz
4.70
5.20
6.55
8.50
12.00
4.8
6
8.7
13
21
Range 1
Normal
Mode
80 MHz
3.05
3.50
4.75
6.50
9.60
3.3
4.3
6.8
11
18
72 MHz
2.80
3.25
4.45
6.20
9.35
3
4
6.5
11
18
64 MHz
2.50
2.95
4.20
5.95
9.05
2.7
3.8
6.3
11
18
48 MHz
1.90
2.35
3.60
5.35
8.45
2.6
3.5
6
10
18
32 MHz
1.40
1.80
3.05
4.80
7.90
1.9
2.9
5.4
9.3
17
24 MHz
1.10
1.55
2.75
4.50
7.60
1.6
2.5
5
9
16
16 MHz
0.84
1.25
2.50
4.20
7.30
1.2
2.2
4.7
8.6
16
IDD
(LPSleep)
Supply
current in
Low-power
sleep mode
fHCLK = fMSI
all peripherals disable
2 MHz
235
620
1750
3300
6100
430
1400
3800
7500
14000
µA
1 MHz
205
590
1700
3300
6050
390
1400
3700
7500
14000
400 KHz
190
575
1700
3250
6050
390
1300
3700
7500
14000
100 KHz
170
560
1650
3250
6050
380
1300
3700
7500
14000
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com