Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5CEU6 Datasheet(PDF) 182 Page - STMicroelectronics

Part # STM32L4P5CEU6
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button STM32L4P5CEU6 Datasheet HTML 178Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 179Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 180Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 181Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 182Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 183Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 184Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 185Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 311 page
background image
Electrical characteristics
STM32L4P5xx
182/311
DS12903 Rev 2
tWUSTOP1
Wake up time
from Stop 1
mode to Run in
Flash
range1
Wakeup clock MSI = 48 MHz 12.6
13.8
μs
Wakeup clock HSI16 = 16
MHz
12.0
13.0
range2
Wakeup clock MSI = 24 MHz 22.1
23.4
Wakeup clock HSI16 = 16
MHz
21.2
22.3
Wakeup clock MSI = 4 MHz
25.3
26.7
Wake up time
from Stop 1
mode to Run
mode in SRAM1
range1
Wakeup clock MSI = 48 MHz
5.3
6.3
Wakeup clock HSI16 = 16
MHz
6.2
7.3
range2
Wakeup clock MSI = 24 MHz
5.8
6.8
Wakeup clock HSI16 = 16
MHz
6.2
7.3
Wakeup clock MSI = 4 MHz
10.4
11.6
Wake up time
from Stop 1
mode to Lowpower
run
mode in Flash
Regulator
in lowpower mode
(LPR=1 in
PWR_CR1)
Wakeup clock MSI = 2 MHz
29
33
Wake up time
fromStop1mode
to Lowpower run
mode in SRAM1
15.9
19.9
tWUSTOP2
Wake up time
from Stop 2
mode to Run
mode in Flash
range1
Wakeup clock MSI = 48 MHz 13.0
13.9
Wakeup clock HSI16 = 16
MHz
12.5
13.4
range2
Wakeup clock MSI = 24 MHz 22.6
23.6
Wakeup clock HSI16 = 16
MHz
21.7
22.6
Wakeup clock MSI = 4 MHz
25.9
27.2
Wake up time
from Stop 2
mode to Run
mode in SRAM1
range1
Wakeup clock MSI = 48 MHz
5.8
6.6
Wakeup clock HSI16 = 16
MHz
6.8
7.6
range2
Wakeup clock MSI = 24 MHz
6.3
7.1
Wakeup clock HSI16 = 16
MHz
6.8
7.6
Wakeup clock MSI = 4 MHz
11.2
12.4
Table 52. Low-power mode wakeup timings(1) (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com