Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7232AJ1TC Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST7232AJ1TC
Description  8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7232AJ1TC Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST7232AJ1TC Datasheet HTML 145Page - STMicroelectronics ST7232AJ1TC Datasheet HTML 146Page - STMicroelectronics ST7232AJ1TC Datasheet HTML 147Page - STMicroelectronics ST7232AJ1TC Datasheet HTML 148Page - STMicroelectronics ST7232AJ1TC Datasheet HTML 149Page - STMicroelectronics ST7232AJ1TC Datasheet HTML 150Page - STMicroelectronics ST7232AJ1TC Datasheet HTML 151Page - STMicroelectronics ST7232AJ1TC Datasheet HTML 152Page - STMicroelectronics ST7232AJ1TC Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 157 page
background image
ST7232A
149/157
DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
14.3 VERSION-SPECIFIC SALES CONDITIONS
To satisfy the different customer requirements and
to ensure that ST Standard Microcontrollers will
consistently meet or exceed the expectations of
each Market Segment, the Codification System for
Standard Microcontrollers clearly distinguishes
products intended for use in automotive environ-
ments, from products intended for use in non-auto-
motive environments.
It is the responsibility of the Customer to select the
appropriate product for his application.
14.4 FLASH DEVICE ORDERING INFORMATiON
Table 27. ST72F32A Flash Order Codes
Part Number
Version
Package
Flash
Memory
(KBytes)
Temp. Range
ST72F32AK2TA
Automotive
TQFP32
8
-40°C +85°C
ST72F32AJ2TA
TQFP44
ST72F32AK2TB
TQFP32
-40°C +105°C
ST72F32AJ2TB
TQFP44
ST72F32AK2TC
TQFP32
-40°C +125°C
ST72F32AJ2TC
TQFP44
ST72F32AK1B5
Standard/
Industrial
SDIP32
4
-10°C +85°C
ST72F32AK2B5
8
ST72F32AK1B6
4
-40°C +85°C
ST72F32AK2B6
8
ST72F32AJ1B5
SDIP42
4
-10°C +85°C
ST72F32AJ2B5
8
ST72F32AJ1B6
4
-40°C +85°C
ST72F32AJ2B6
8
ST72F32AK1T5
TQFP32
4
-10°C +85°C
ST72F32AK2T5
8
ST72F32AK1T6
4
-40°C +85°C
ST72F32AK2T6
8
ST72F32AJ1T5
TQFP44
4
-10°C +85°C
ST72F32AJ2T5
8
ST72F32AJ1T6
4
-40°C +85°C
ST72F32AJ2T6
8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com