Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE1XB Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST7LITE1XB
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE1XB Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST7LITE1XB Datasheet HTML 147Page - STMicroelectronics ST7LITE1XB Datasheet HTML 148Page - STMicroelectronics ST7LITE1XB Datasheet HTML 149Page - STMicroelectronics ST7LITE1XB Datasheet HTML 150Page - STMicroelectronics ST7LITE1XB Datasheet HTML 151Page - STMicroelectronics ST7LITE1XB Datasheet HTML 152Page - STMicroelectronics ST7LITE1XB Datasheet HTML 153Page - STMicroelectronics ST7LITE1XB Datasheet HTML 154Page - STMicroelectronics ST7LITE1XB Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 157 page
background image
ST7LITE1xB
151/157
15.3 DEVELOPMENT TOOLS
Development tools for the ST7 microcontrollers in-
clude a complete range of hardware systems and
software tools from STMicroelectronics and third-
party tool suppliers. The range of tools includes
solutions to help you evaluate microcontroller pe-
ripherals, develop and debug your application, and
program your microcontrollers.
15.3.1 Starter kits
ST offers complete, affordable starter kits. Starter
kits are complete hardware/software tool packag-
es that include features and samples to help you
quickly start developing your application.
15.3.2 Development and debugging tools
Application development for ST7 is supported by
fully optimizing C Compilers and the ST7 Assem-
bler-Linker toolchain, which are all seamlessly in-
tegrated in the ST7 integrated development envi-
ronments in order to facilitate the debugging and
fine-tuning of your application. The Cosmic C
Compiler is available in a free version that outputs
up to 16KBytes of code.
The range of hardware tools includes full-featured
ST7-EMU3 series emulators, cost effective ST7-
DVP3 series emulators and the low-cost RLink
in-circuit debugger/programmer. These tools are
supported by the ST7 Toolset from STMicroelec-
tronics, which includes the STVD7 integrated de-
velopment environment (IDE) with high-level lan-
guage debugger, editor, project manager and inte-
grated programming interface.
15.3.3 Programming tools
During the development cycle, the ST7-DVP3 and
and ST7-EMU3 series emulators and the RLink
provide in-circuit programming capability for pro-
gramming the Flash microcontroller on your appli-
cation board.
ST also provides a low-cost dedicated in-circuit
programmer, the ST7-STICK, as well as ST7
Socket Boards which provide all the sockets re-
quired for programming any of the devices in a
specific ST7 sub-family on a platform that can be
used with any tool with in-circuit programming ca-
pability for ST7.
For production programming of ST7 devices, ST’s
third-party tool partners also provide a complete
range of gang and automated programming solu-
tions, which are ready to integrate into your pro-
duction environment.
15.3.4 Order Codes for Development and
Programming Tools
Table 29 below lists the ordering codes for the
ST7LITE1xB
development
and
programming
tools. For additional ordering codes for spare parts
and accessories, refer to the online product selec-
tor at www.st.com/mcu.
15.3.5 Order codes for ST7LITE1xB development tools
Table 29. Development tool order codes for the ST7LITE1xB family
Notes:
1. Available from ST or from Raisonance, www.raisonance.com
2. USB connection to PC
3. Add suffix /EU, /UK or /US for the power supply for your region
4. Includes connection kit for DIP16/SO16 only. See “How to order an EMU or DVP” in ST product and tool selection guide
for connection kit ordering information
5. Parallel port connection to PC
MCU
In-circuit Debugger, RLink Series1)
Emulator
Programming Tool
ST7FLIT1xBF0
ST7FLIT1xBF1
ST7FLIT1xBY0
ST7FLIT1xBY1
Starter Kit without
Demo Board
Starter Kit with
Demo Board
DVP Series
EMU Series
In-circuit
Programmer
ST Socket
Boards and
EPBs
STX-RLINK2)
ST7FLITE-
SK/RAIS2)
ST7MDT10-
DVP34)
ST7MDT10-
EMU3
STX-RLINK
ST7-STICK3)5)
ST7SB10-
1233)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com