Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10366ASM Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # R5F10366ASM
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10366ASM Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button R5F10366ASM Datasheet HTML 100Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 101Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 102Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 103Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 104Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 105Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 106Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 107Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 114 page
background image
RL78/G12
4. PACKAGE DRAWINGS
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 104 of 109
4. PACKAGE DRAWINGS
4.1 20-pin package
2012 Renesas Electronics Corporation. All rights reserved.
JEITA Package Code
RENESAS Code
Previous Code
MASS (TYP.) [g]
P-LSSOP20-4.4x6.5-0.65
PLSP0020JB-A
P20MA-65-NAA-1
0.1
20
1
10
detail of lead end
ITEM
DIMENSIONS
D
E
e
A1
A
A2
L
c
y
bp
0.10
0.10
0 to 10
(UNIT:mm)
A
A2
A1
e
y
HE
c
6.50
4.40
0.20
0.10
6.40
0.10
0.10
1.45 MAX.
1.15
0.65 0.12
0.10
0.05
0.22
0.05
0.02
0.15
0.50 0.20
11
bp
HE
E
D
L
3
2
1
NOTE
1.Dimensions “
1” and “
2”
2.Dimension “
” does not include tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com