Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE3XF2 Datasheet(PDF) 171 Page - STMicroelectronics

Part # ST7LITE3XF2
Description  8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE3XF2 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button ST7LITE3XF2 Datasheet HTML 165Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 166Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 167Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 168Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 169Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 170Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 171Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 172Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 173Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 171 / 173 page
background image
ST7LITE3xF2
171/173
17 REVISION HISTORY
Date
Revision
Main changes
29-Jul-05
4
First release on Internet
20-Jul-06
5
Added QFN20 package
In Table 3, “Hardware Register Map,” on page 10, replaced h by b for LTCSR1, ATCSR and
SICSR reset values
section 4.4 on page 13
Modified section 4.4 on page 13 (and modified note 6) and Figure 5
Modified section 5.3 on page 16 (read operation description)
Modified note to Figure 8 on page 17
Modified 3rd paragraph and modified text in section 5.5 on page 18
Modified note on clock stability in section 7.1 on page 23 and added one note on internal RC
Added illegal opcode references to Section 7.5.1 and Figure 15 on page 28
Modified Figure 18 on page 31 (SICSR register)
Modified SICSR reset value in Table 3, “Hardware Register Map,” on page 10, in Figure 18
on page 31 and in section 7.6.4 on page 34
Modified caution in section 8.2 on page 34
Modified External Interrupt Function section in section 10.2.1 on page 47
Modified section 11.4.3.3 on page 82 and added important note
Modified section 11.5.5.2 on page 93: changed paragraph “When a character transmission
is complete...”
Modified values in section 13.2.2 on page 132
Added note 1 and modified note 2 to section 13.3.1.1 on page 134 and to section 13.3.1.2
on page 136
Updated Section 13.3.1.1 and section 13.3.1.2 on page 136 (fRC, ACCRC,fPLL)
Modified VDD(x4PLL) values in section 13.3.4 on page 139
Added note 2 to section 13.3.2 on page 139
Modified section 13.4.1 on page 140 and added values for VDD=3.3V
Added section 13.5.3 on page 144
VESD(HBM) value updated in section 13.7.3 on page 147, Table in section 13.7.3 on page 147
updated (IS)
Modified note 2 in section 13.8.1 on page 148
Figures in section 13.8.2 on page 150 updated
Modified Figure 98 and removed EMC protective circuitry in Figure 99 on page 154 (device
works correctly without these components)
Modified section 13.10.1 on page 155 (tsu(SS), tv(MO) and th(MO)), added note 4 and added note
1 to several values
Modified Figure 101 (CPHA=1) and Figure 102 on page 156 (tv(MO) , th(MO))
ADC accuracy data expanded in section 13.11 on page 157
Added ECOPACK information in section 14.1 on page 159
Modified section 14.2 on page 160 and notes
Modified section 14.3 on page 161
Added notes to OSC option bit in section 15.1 on page 161
Modified supported part number in Section 15.2 and option list on page 164
Updated section 15.3 on page 165
Added section 15.4 on page 166
Removed LINSCI wrong break duration in section 16 on page 169
21-Sept-06
6
Removed QFN20 package pinout and mechanical data
Modified description of CNTR[11:0] bits in section 11.2.6 on page 67
Modified Table 26 on page 163 (QFN20 in grey)
Added “External Clock Source” on page 143 and Figure 83 on page 143
Modified option list on page 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com