Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX2ASM-002 Datasheet(PDF) 110 Page - Omron Electronics LLC

Part # E5DC-RX2ASM-002
Description  Digital Temperature Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2ASM-002 Datasheet(HTML) 110 Page - Omron Electronics LLC

Back Button E5DC-RX2ASM-002 Datasheet HTML 104Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 105Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 106Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 107Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 108Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 109Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 110Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 111Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 112Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 110 / 112 page
background image
E5
@C/E5@C-T
110
● Precautions when Wiring
• Separate input leads and power lines in order to prevent external
noise.
• Use a shielded, AWG24 to AWG18 (cross-sectional area of 0.205
to 0.8231 mm2) twisted-pair cable. Use a shielded, AWG24 to
AWG14 (cross-sectional area of 0.205 to 2.081 mm2) twisted-pair
cable for the E5CC-U. The stripping length is 6 to 8 mm for the
E5CC, E5EC, E5AC, E5DC, or E5CC-T and 5 to 6 mm for the
E5CC-U.
The E5GC stripping length is 6 to 8 mm for models with screw
terminal blocks and 8 to 12 mm for models with screwless clamp
terminal blocks.
• Use crimp terminals when wiring the terminals.
• Use the suitable wiring material and crimp tools for crimp terminals.
• Tighten the terminal screws to a torque of 0.43 to 0.58 N·m.
The specified torque is 0.5 N·m for the E5CC-U.
• For the E5GC, E5CC, E5EC, E5AC, E5DC, or E5@C-T, use the
following types of crimp terminals for M3 screws.
• For the E5CC-U, use the following types of crimp terminals for
M3.5 screws.
• For E5GC Controllers with screwless clamp terminal blocks, use
braided or solid wires with a gauge of AWG24 to AWG18 (equal to
a cross-sectional area of 0.205 to 0.823 mm2).
The length of the conductive portion inserted into the terminal must
be 8 to 12 mm. Ferrules must be 0.8 to 1.4 mm in diameter..
• Recommended Ferrules for E5GC Screwless Clamp Terminals
Three-year Guarantee
● Period of Guarantee
The guarantee period of the Unit is three years starting from the date
the Unit is shipped from the factory.
Scope of Guarantee
The Unit is guaranteed under the
following operating conditions.
1. Average Operating Temperature
(see note):
−10°C to 50°C
2. Mounting Method: Standard mounting
Note: Average Operating Temperature
Refer to the process temperature
of the Unit mounted to a control
panel and connected to peripheral
devices on condition that the Unit
is in stable operation, sensor input
type K is selected for the Unit, the
positive and negative thermocouple input terminals of the Unit
are short-circuited, and the ambient temperature is stable.
Should the Unit malfunction during the guarantee period, OMRON
shall repair the Unit or replace any parts of the Unit at the expense of
OMRON.
5.8 mm max.
5.8 mm max.
7.2 mm max.
7.2 mm max.
Manufacturer
Model number
Altech Corp.
2623.0
Daido Solderless Terminal Mfg. Co.
AVA-0.5
J.S.T. Mfg. Co.
TUB-0.5
Nichifu Co.
Single (1 wire)
TGNTC-1.25-9T
TGVTC-1.25-11T
TGNTC-1.25-11T
TC0.3-9.5
TC1.25-11S-ST
TC1.25-11S
TC2-11S
Double (2 wires)
TGWVTC-1.25-9T
TGWVTC-1.25-11T
0.8 to 1.4 mm
8 to 12 mm
8 to 12 mm
Ferrules
wires
Top
Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com