Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2QX Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST10F269Z2QX
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2QX Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST10F269Z2QX Datasheet HTML 152Page - STMicroelectronics ST10F269Z2QX Datasheet HTML 153Page - STMicroelectronics ST10F269Z2QX Datasheet HTML 154Page - STMicroelectronics ST10F269Z2QX Datasheet HTML 155Page - STMicroelectronics ST10F269Z2QX Datasheet HTML 156Page - STMicroelectronics ST10F269Z2QX Datasheet HTML 157Page - STMicroelectronics ST10F269Z2QX Datasheet HTML 158Page - STMicroelectronics ST10F269Z2QX Datasheet HTML 159Page - STMicroelectronics ST10F269Z2QX Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 161 page
background image
ST10F269Z2Qx
156/161
Figure 80 : External Bus Arbitration (Regaining the Bus)
Notes: 1. This is the last chance for BREQ to trigger the indicated regain-sequence. Even if BREQ is activated earlier, the regain-sequence
is initiated by HOLD going high. Please note that HOLD may also be deactivated without the ST10F269Z2Qx requesting the bus.
2. The next ST10F269Z2Qx driven bus cycle may start here.
CLKOUT
HOLD
HLDA
Other
Signals
t
62
CSx
(On P6.x)
t
67
t
62
1)
2)
t
65
t
61
BREQ
t
63
t
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com