Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST72104G
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST72104G Datasheet HTML 127Page - STMicroelectronics ST72104G Datasheet HTML 128Page - STMicroelectronics ST72104G Datasheet HTML 129Page - STMicroelectronics ST72104G Datasheet HTML 130Page - STMicroelectronics ST72104G Datasheet HTML 131Page - STMicroelectronics ST72104G Datasheet HTML 132Page - STMicroelectronics ST72104G Datasheet HTML 133Page - STMicroelectronics ST72104G Datasheet HTML 134Page - STMicroelectronics ST72104G Datasheet HTML 135Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 131 / 135 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
131/135
TRANSFER OF CUSTOMER CODE (Cont’d)
MICROCONTROLLER OPTION LIST
Customer
. . . . .... ..... . . ... . . . ..... ... .. . . . ..... ... .. . . . ..... ... .. . . . . .... .
Address
. . . . .... ..... . . ... . . . ..... ... .. . . . ..... ... .. . . . ..... ... .. . . . . .... .
. . . . .... ..... . . ... . . . ..... ... .. . . . ..... ... .. . . . ..... ... .. . . . . .... .
Contact
. . . . .... ..... . . ... . . . ..... ... .. . . . ..... ... .. . . . ..... ... .. . . . . .... .
Phone No
. . . . .... ..... . . ... . . . ..... ... .. . . . ..... ... .. . . . ..... ... .. . . . . .... .
Reference
. . . . .... ..... . . ... . . . ..... ... .. . . . ..... ... .. . . . ..... ... .. . . . . .... .
STMicroelectronics references
Device:
[ ] ST72104G1
[ ] ST72215G2
[ ] ST72254G1
[ ] ST72104G2
[ ] ST72216G1
[ ] ST72254G2
Package:
[ ] SDIP32
[ ] SO28 with Standard conditionning (tube)
[ ] SO28 with Tape & Reel conditionning
External Interrupt:
[ ] IT0 interrupt vector Port A, IT1 interrupt vector Port B & C
[ ] IT0 interrupt vector Port A & C, IT1 interrupt vector Port B
Temperature Range:
[ ] 0
°Cto + 70°C[ ] - 40°C to + 105°C
[] - 40
°Cto + 85°C[ ] - 40°C to + 125°C
Clock Source Selection:
[ ] Resonator:
[ ] LP: Low power resonator (1 to 2 MHz)
[ ] MP: Medium power resonator (2 to 4 MHz)
[ ] MS: Medium speed resonator (4 to 8 MHz)
[ ] HS: High speed resonator (8 to 16 MHz)
[ ] RC Network:
[ ] Internal
[ ] External
[ ] External Clock
Clock Security System:
[ ] Disabled
[ ] Enabled
Watchdog Selection:
[ ] Software Activation
[ ] Hardware Activation
Halt when Watchdog on:
[ ] Reset
[ ] No reset
Readout Protection:
[ ] Disabled
[ ] Enabled
LVD Reset
[ ] Disabled
[ ] Enabled:
[ ] Highest threshold (4.05V/4.30V)
[ ] Medium threshold (3.65V/3.90V)
[ ] Lowest threshold (3.10V/3.35V)
Comments : . . . . . . . . . . . . . . . . . . .... .... ... . . . . . ...... . . .. ... .. . . . . . . .. ... .. . . .
Supply Operating Range in the application: . . . . . . . . . . . . . . . . . . ..... . . . . . . . . ..... . ... .
Notes
. . . . .... ..... . . ... . . . ..... ... .. . . . ..... ... .. . . . ..... ... .. . . . . .... .
Signature
. . . . .... ..... . . ... . . . ..... ... .. . . . ..... ... .. . . . ..... ... .. . . . . .... .
Date
. . . . .... ..... . . ... . . . ..... ... .. . . . ..... ... .. . . . ..... ... .. . . . . .... .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com