Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72311R Datasheet(PDF) 117 Page - STMicroelectronics

Part # ST72311R
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72311R Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ST72311R Datasheet HTML 113Page - STMicroelectronics ST72311R Datasheet HTML 114Page - STMicroelectronics ST72311R Datasheet HTML 115Page - STMicroelectronics ST72311R Datasheet HTML 116Page - STMicroelectronics ST72311R Datasheet HTML 117Page - STMicroelectronics ST72311R Datasheet HTML 118Page - STMicroelectronics ST72311R Datasheet HTML 119Page - STMicroelectronics ST72311R Datasheet HTML 120Page - STMicroelectronics ST72311R Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
117/164
CONTROLLER AREA NETWORK (Cont’d)
FILTER HIGH REGISTERS (FHRx)
Read/Write
Reset Value: Undefined
FIL[11:3] are the most significant 8 bits of a 12-bit
message filter. The acceptance filter is compared
bit by bit with the identifier and the RTR bit of the
incoming message. If there is a match for the set
of bits specified by the acceptance mask then the
message is stored in a receive buffer.
FILTER LOW REGISTERS (FLRx)
Read/Write
Reset Value: Undefined
FIL[3:0] are the least significant 4 bits of a 12-bit
message filter.
MASK HIGH REGISTERS (MHRx)
Read/Write
Reset Value: Undefined
MSK[11:3] are the most significant 8 bits of a 12-
bit message mask. The acceptance mask defines
which bits of the acceptance filter should match
the identifier and the RTR bit of the incoming mes-
sage.
MSKi = 0: don’t care.
MSKi = 1: match required.
MASK LOW REGISTERS (MLRx)
Read/Write
Reset Value: Undefined
MSK[3:0] are the least significant 4 bits of a 12-bit
message mask.
70
FIL11
FIL10
FIL9
FIL8
FIL7
FIL6
FIL5
FlL4
70
FIL3
FIL2
FIL1
FIL0
0
0
0
0
70
MSK1
1
MSK1
0
MSK9 MSK8
MSK7
MSK6
MSK5
MSK4
70
MSK3
MSK2
MSK1 MSK0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com