Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72311R Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST72311R
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72311R Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST72311R Datasheet HTML 135Page - STMicroelectronics ST72311R Datasheet HTML 136Page - STMicroelectronics ST72311R Datasheet HTML 137Page - STMicroelectronics ST72311R Datasheet HTML 138Page - STMicroelectronics ST72311R Datasheet HTML 139Page - STMicroelectronics ST72311R Datasheet HTML 140Page - STMicroelectronics ST72311R Datasheet HTML 141Page - STMicroelectronics ST72311R Datasheet HTML 142Page - STMicroelectronics ST72311R Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
139/164
12.6 MEMORY CHARACTERISTICS
Subject to general operating condition for VDD,fOSC, and TA unless otherwise specified.
12.6.1 RAM and Hardware Registers
12.6.2 EEPROM Data Memory
12.6.3 EPROM Program Memory
Notes:
1. Minimum VDD supply voltage without losing data stored into RAM (in in HALT mode or under RESET) or into hardware
registers (only in HALT mode). Guaranteed by construction, not tested in production.
2. The data retention time increase when the TA decreases.
3. Data based on reliability test results and monitored in production.
4. Data given only as guidelines.
Symbol
Parameter
Conditi ons
Min
Typ
Max
Unit
VRM
Data retention mode 1)
HALT mode (or RESET)
1.6
V
Symbol
Parameter
Conditi ons
Min
Typ
Max
Unit
tprog
Programming time
(for 1 up to 16 bytes at a time)
-40
°C≤T
A≤+85°C10
ms
-40
°C≤T
A≤+125°C15
tret
Data retention 3)
TA=+55°C
2)
20
Years
NRW
Write erase cycles 3)
TA=+25°C
300 000
Cycles
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
WERASE
UV lamp
Lamp wavelength 2537Å
15
Watt.sec
/cm2
terase
Erase Time 4)
UV lamp is placed 1 inch
from the device window
without any interposed
filters
15
20
min
tret
Data retention 3)
TA=+55°C
2)
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com