Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324 Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST72324
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST72324 Datasheet HTML 147Page - STMicroelectronics ST72324 Datasheet HTML 148Page - STMicroelectronics ST72324 Datasheet HTML 149Page - STMicroelectronics ST72324 Datasheet HTML 150Page - STMicroelectronics ST72324 Datasheet HTML 151Page - STMicroelectronics ST72324 Datasheet HTML 152Page - STMicroelectronics ST72324 Datasheet HTML 153Page - STMicroelectronics ST72324 Datasheet HTML 154Page - STMicroelectronics ST72324 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 161 page
background image
ST72324
151/161
ST72324 DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
14.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
ROM devices can be ordered in any combination
of memory size and temperature range with the
types given in Figure 101 and by completing the
option list on the next page. Flash devices are
available only in the types listed in Table 25.
ROM customer code is made up of the ROM con-
tents and the list of the selected options (if any).
The ROM contents are to be sent with the S19
hexadecimal file generated by the development
tool. All unused bytes must be set to FFh.
Refer to application note AN1635 for information
on the counter listing returned by ST after code
has
been
transferred.The
STMicroelectronics
Sales Organization will be pleased to provide de-
tailed information on contractual points.
Figure 101. ROM Factory Coded Device Types
DEVICE PACKAGE VERSION
XXX
/
Code name (defined by STMicroelectronics)
1 = Standard 0 to +70 °C
5 = Standard -10 to +85 °C
6 = Standard -40 to +85 °C
A = Automotive -40 to +85 °C
B = Automotive -40 to +105 °C
C = Automotive -40 to +125 °C
T= Plastic Thin Quad Flat Pack
B= Plastic Dual in Line
ST72324J6, ST72324J4, ST72324J2
ST72324K6, ST72324K4, ST72324K2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com