Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324J2 Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST72324J2
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324J2 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST72324J2 Datasheet HTML 112Page - STMicroelectronics ST72324J2 Datasheet HTML 113Page - STMicroelectronics ST72324J2 Datasheet HTML 114Page - STMicroelectronics ST72324J2 Datasheet HTML 115Page - STMicroelectronics ST72324J2 Datasheet HTML 116Page - STMicroelectronics ST72324J2 Datasheet HTML 117Page - STMicroelectronics ST72324J2 Datasheet HTML 118Page - STMicroelectronics ST72324J2 Datasheet HTML 119Page - STMicroelectronics ST72324J2 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 161 page
background image
ST72324
116/161
12.3.2 General Operating Conditions for low voltage Flash devices (planned)
Figure 61. fCPU Max Versus VDD for Low Voltage Devices
Symbol
Parameter
Conditions
Min
Max
Unit
fCPU
Internal clock frequency
0
4
MHz
VDD
Low voltage devices (except Flash Write/
Erase)1)
3.0
3.6
V
Operating Voltage for Flash Write/Erase
VPP = 11.4 to 12.6V
3.0
3.6
TA
Ambient temperature range
1 Suffix Version
0
70
°C
5 Suffix Version
-10
85
6 Suffix Version
-40
85
fCPU [MHz]
SUPPLY VOLTAGE [V]
4
2
1
0
2.5
3.0
3.6
4
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
6
FUNCTIONALITY
GUARANTEED
IN THIS AREA
IN LOW
DEVICES UNLESS
VOLTAGE
OTHERWISE
SPECIFIED
IN THE TABLES
OF PARAMETRIC
DATA
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com