Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324J2 Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST72324J2
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324J2 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST72324J2 Datasheet HTML 149Page - STMicroelectronics ST72324J2 Datasheet HTML 150Page - STMicroelectronics ST72324J2 Datasheet HTML 151Page - STMicroelectronics ST72324J2 Datasheet HTML 152Page - STMicroelectronics ST72324J2 Datasheet HTML 153Page - STMicroelectronics ST72324J2 Datasheet HTML 154Page - STMicroelectronics ST72324J2 Datasheet HTML 155Page - STMicroelectronics ST72324J2 Datasheet HTML 156Page - STMicroelectronics ST72324J2 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 161 page
background image
ST72324
153/161
ST72324 DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
ST72324 MICROCONTROLLER OPTION LIST
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/ROM Code* : . . . . . . . . . . . . . . . . . . . . . . .
*The ROM code name is assigned by STMicroelectronics.
ROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
Conditioning (check only one option):
Version/Temp. Range (do not check for die product). Please refer to datasheet for specific sales conditions:
Special Marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ " (TQFP32 7 char., other pkg. 10 char. max)
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Clock Source Selection:
[ ] Resonator:
[ ] LP: Low power resonator (1 to 2 MHz)
[ ] MP: Medium power resonator (2 to 4 MHz)
[ ] MS: Medium speed resonator (4 to 8 MHz)
[ ] HS: High speed resonator (8 to 16 MHz)
[ ] Internal RC1
[ ] External Clock
PLL2
[ ] Disabled
[ ] Enabled
CSS4
[ ] Disabled
[ ] Enabled
LVD Reset
[ ] Disabled
[ ] High threshold
[ ] Med. threshold5 [ ] Low threshold5
Reset Delay
[ ] 256 Cycles
[ ] 4096 Cycles
Watchdog Selection:
[ ] Software Activation
[ ] Hardware Activation
Halt when Watchdog on:
[ ] Reset
[ ] No reset
Readout Protection3:
[ ] Disabled
[ ] Enabled
Date
Signature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1LVD must be enabled when internal RC is selected.
4Not guaranteed
2PLL must not be enabled if internal RC or External Clock is selected.
5Device operation below 3.8V not guaranteed
3Readout protection is not supported if LVD is enabled.
---------------------------------
ROM DEVICE:
---------------------------------
|
|
-------------------------------------
32K
-------------------------------------
||
-------------------------------------
16K
-------------------------------------
||
-----------------------------------
8K
-----------------------------------
TQFP32:
|
[ ] ST72324K6T
|
[ ] ST72324K4T
|
[ ] ST72324K2T
DIP32:
|
[ ] ST72324K6B
|
[ ] ST72324K4B
|
[ ] ST72324K2B
TQFP44 :
|
[ ] ST72324J6T
|
[ ] ST72324J4T
|
[ ] ST72324J2T
DIP42:
|
[ ] ST72324J6B
|
[ ] ST72324J4B
|
[ ] ST72324J2B
---------------------------------
DIE FORM:
---------------------------------
|
|
--------------------------------------
32K
--------------------------------------
||
--------------------------------------
16K
--------------------------------------
||
-----------------------------------
8K
------------------------------------
32-pin:
|
[ ]
|
[ ]
|
[ ]
44-pin:
|
[ ]
|
[ ]
|
[ ]
------------------------------------------------------------------------
Packaged Product
------------------------------------------------------------------------
|
-----------------------------------------------------
Die Product (dice tested at 25°C only)
-----------------------------------------------------
[ ] Tape & Reel
[ ] Tray
|
[ ] Tape & Reel
|
[ ] Inked wafer
|
[ ] Sawn wafer on sticky foil
--------------------
Standard
--------------------
||
-------------------
Automotive
-------------------
||
---------------------------------------
Temp. Range
---------------------------------------
[ ]
|
|
0°C to +70°C
[ ]
|
|
-10°C to +85°C
[ ]
|
[ ]
|
-40°C to +85°C
|
[ ]
|
-40°C to +105°C
|
[ ]
|
-40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com