Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F264G2B6 Datasheet(PDF) 166 Page - STMicroelectronics

Part # ST72F264G2B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2B6 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button ST72F264G2B6 Datasheet HTML 162Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 163Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 164Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 165Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 166Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 167Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 168Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 169Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 171 page
background image
Rev. 2.3
August 2003
166/171
ERRATA SHEET
ST72264 LIMITATIONS AND CORRECTIONS
17 SILICON IDENTIFICATION
This document refers to ST72F264 devices and subsets (ST72F260, ST72F262).
They are identifiable:
s
On the device package, by the last letter of the Trace code marked on the device package
s
On the box, by the last 3 digits of the Internal Sales Type printed on the box label.
Table 32. Device Identification
18 REFERENCE SPECIFICATION
Limitations in this document are with reference to the ST72264 Datasheet Revision 1.7 (Au-
gust 2003).
19 SILICON LIMITATIONS
This section lists the known limitations of the devices referenced in Table 32.
19.1 EXECUTION OF BTJX INSTRUCTION
When testing the address $FF with the "BTJT" or "BTJF" instructions, the CPU may perform
an incorrect operation when the relative jump is negative and performs an address page
change.
To avoid this issue, including when using a C compiler, it is recommended to never use ad-
dress $00FF as a variable (using the linker parameter for example).
19.2 I/O PORT B AND C CONFIGURATION
When using an external quartz crystal or ceramic resonator, the fOSC2 clock may be disturbed
because the device goes into reserved mode controlled by Port B and C.
This happens with either one of the following configurations:
Trace Code marked on device
Internal Sales Type on box label
Flash Devices:
“xxxxxxxxxZ”
72F264xxxx$U2
72F264xxxx$A2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com