Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F262G2M6 Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST72F262G2M6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G2M6 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST72F262G2M6 Datasheet HTML 128Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 129Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 130Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 131Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 132Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 133Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 134Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 135Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 171 page
background image
ST72260G, ST72262G, ST72264G
132/171
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
Notes:
1. Resonator characteristics given by the crystal/ceramic resonator manufacturer.
2. CSTxx types have built-in loading capacitors (values shown in parentheses)
3. SMD = [-R0: Plastic tape package (
∅ =180mm), -B0: Bulk]
LEAD = [-A0: Flat pack package (Radial taping Ho= 18mm), -B0: Bulk]
For more information, please consult the Murata report (02gc_5959_ST72F264G2.zip) on www.murata.com or http//
:mcu.st.com
Oscil.
Typical Crystal or Ceramic Resonators
CL1
[pF]
CL2
[pF]
RD
[ohm]
Reference2)
Type3)
Freq.
(MHz)
Characteristic 1)
CSBFB1M00J58-R0
SMD
1
∆f
OSC=[±0.5%tolerance,±0.3%
∆Ta,±0.3%aging,0.01%correl]
100 100
3.3k
CSBLA1M00J58-B0
LEAD
∆f
OSC=[±0.5%tolerance,±0.3%
∆Ta,±0.3%aging,0.01%correl]
100 100
3.3k
CSTCC2M00G56-R0 SMD
2
∆f
OSC=[±0.5%tolerance,±0.3%
∆Ta,±0.3%aging,-0.19%correl] (47) (47)
0
CSTCR4M00G55-R0 SMD
4
∆f
OSC=[±0.5%tolerance,±0.2%
∆Ta,±0.1%aging,-0.24%correl] (39) (39)
0
CSTLS4M00G56-B0 LEAD
∆f
OSC=[±0.5%tolerance,±0.2%
∆Ta,±0.2%aging,0.1%correl]
(47) (47)
0
CSTCE8M00G52-R0
SMD
8
∆f
OSC=[±0.5%tolerance,±0.2%
∆Ta,±0.1%aging,-0.16%correl] (10) (10)
0
CSTLS8M00G53-B0 LEAD
∆f
OSC=[±0.5%tolerance,±0.2%
∆Ta,±0.2%aging,0.13%correl]
(15) (15)
0
CSTCE12M0G52-R0
SMD
12
∆f
OSC=[±0.5%tolerance,±0.2%
∆Ta,±0.1%aging,-0.18%correl] (10) (10)
0
CSTLA12M0T55-B0
LEAD
∆f
OSC=[±0.5%tolerance,±0.3%
∆Ta,±0.3%aging,0.29%correl]
(30) (30)
0
CSTCE16M0V53-R0
SMD
16
∆f
OSC=[±0.5%tolerance,±0.3%
∆Ta,±0.3%aging,-0.08%correl] (15) (15)
0
CSALS16M0X55-B0 LEAD
∆f
OSC=[±0.5%tolerance,±0.2%
∆Ta,±0.2%aging,0.11%correl]
10
10
470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com