Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F262G2M6 Datasheet(PDF) 158 Page - STMicroelectronics

Part # ST72F262G2M6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G2M6 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button ST72F262G2M6 Datasheet HTML 154Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 155Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 156Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 157Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 158Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 159Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 160Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 161Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 171 page
background image
ST72260G, ST72262G, ST72264G
158/171
DEVICE CONFIGURATION (Cont’d)
OPT 0 = FMP_W
FLASH write protection
This option indicates if the FLASH program mem-
ory is write protected.
Warning: When this option is selected, the pro-
gram memory (and the option bit itself) can never
be erased or programmed again.
0: Write protection off
1: Write protection on
USER OPTION BYTE 1
OPT 7 = EXTIT
Port C External Interrupt Configu-
ration.
This option bit allows the Port C external interrupt
mapping to be configured as ei0 or ei1.
Table 26. External Interrupt Configuration
OPT 6 = CSS
Clock Security System on/off
This option bit enables or disables the clock secu-
rity system (CSS) which include the clock filter and
the backup safe oscillator.
0: CSS enabled
1: CSS disabled
Caution: The Clock Security System is not guar-
anteed. The features described in Section 6.4.3 on
page 26 are subject to revision.
OPT 5:4 = OSCTYPE[1:0]
Oscillator Type selec-
tion
These option bits select the Oscillator Type.
OPT 3:1 = OSCRNGE[2:0]
Oscillator Range se-
lection
These option bits select the oscillator range.
OPT 0 = PLL
PLL selection
This option bit selects the PLL which allows multi-
plication by two of the oscillator frequency. The
PLL must not be used with the internal RC oscilla-
tor. It is guaranteed only with a fOSC input frequen-
cy between 2 and 4MHz.
0: PLL x2 enabled
1: PLL x2 disabled
CAUTION: the PLL can be enabled only if the
“OSC RANGE” (OPT3:1) bits are configured to
“MP - 2~4MHz”. Otherwise, the device functionali-
ty is not guaranteed.
ei0
ei1
EXTIT
option
bit
PA[7:0] Ports
PB[7:0] Ports
PC[5:0] Ports
1
PA[7:0] Ports
PC[5:0] Ports
PB[7:0] Ports
0
Clock Source
OSCTYPE1 OSCTYPE0
Resonator Oscillator
0
0
Reserved
0
1
Internal RC Oscillator
1
0
External Source
1
1
Typ. Freq. Range
OSC
RNGE2
OSC
RNGE1
OSC
RNGE0
VLP 32~100kHz
1
x
x
LP
1~2MHz
0
0
0
MP
2~4MHz
0
0
1
MS
4~8MHz
0
1
0
HS
8~16MHz
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com