Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F521M9TC Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST72F521M9TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521M9TC Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST72F521M9TC Datasheet HTML 135Page - STMicroelectronics ST72F521M9TC Datasheet HTML 136Page - STMicroelectronics ST72F521M9TC Datasheet HTML 137Page - STMicroelectronics ST72F521M9TC Datasheet HTML 138Page - STMicroelectronics ST72F521M9TC Datasheet HTML 139Page - STMicroelectronics ST72F521M9TC Datasheet HTML 140Page - STMicroelectronics ST72F521M9TC Datasheet HTML 141Page - STMicroelectronics ST72F521M9TC Datasheet HTML 142Page - STMicroelectronics ST72F521M9TC Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 211 page
background image
ST72521
139/211
CONTROLLER AREA NETWORK (Cont’d)
IDENTIFIER LOW REGISTERS (IDLRx)
Read/Write
Reset Value: Undefined
ID[2:0] are the least significant 3 bits of the 11-bit
message identifier.
RTR is the Remote Transmission Request bit. It is
set to indicate a remote frame and reset to indicate
a data frame.
DLC[3:0] is the Data Length Code. It gives the
number of bytes in the data field of the mes-
sage.The valid range is 0 to 8.
DATA REGISTERS (DATA0-7x)
Read/Write
Reset Value: Undefined
DATA[7:0] is a message data byte. Up to eight such
bytes may be part of a message. Writing to byte
DATA7 initiates a transmit request and should al-
ways be done even when DATA7 is not part of the
message.
BUFFER CONTROL/STATUS REGs. (BCSRx)
Read/Write
Reset Value: 00h
Bit 3 = ACC
Acceptance Code
− Read Only
Set by hardware with the id of the highest priority
filter which accepted the message stored in the
buffer.
ACC = 0: Match for Filter/Mask0. Possible match
for Filter/Mask1.
ACC = 1: No match for Filter/Mask0 and match for
Filter/Mask1.
Reset by hardware when either RDY or RXIF gets
reset.
Bit 2 = RDY
Message Ready
− Read/Clear
Set by hardware to signal that a new error-free
message is available (LOCK = 0) or that a trans-
mission request is pending (LOCK = 1).
Cleared by software when LOCK = 0 to release
the buffer and to clear the corresponding RXIF bit
in the Interrupt Status Register.
Cleared by hardware when LOCK = 1 to indicate
that the transmission request has been serviced or
cancelled.
Bit 1 = BUSY
Busy Buffer
− Read Only
Set by hardware when the buffer is being filled
(LOCK = 0) or emptied (LOCK = 1).
Reset by hardware when the buffer is not ac-
cessed by the CAN core for transmission nor re-
ception purposes.
Bit 0 = LOCK
Lock Buffer
− Read/Set/Clear
Set by software to lock a buffer. No more message
can be received into the buffer thus preserving its
content and making it available for transmission.
Cleared by software to make the buffer available
for reception. Cancels any pending transmission
request.
Cleared by hardware once a message has been
successfully transmitted provided the early trans-
mit interrupt mode is on. Left untouched otherwise.
Note that in order to prevent any message corrup-
tion or loss of context, LOCK cannot be set nor re-
set while BUSY is set. Trying to do so will result in
LOCK not changing state.
70
ID2
ID1
ID0
RTR
DLC3
DLC2
DLC1
DLC0
70
DATA
7
DATA
6
DATA
5
DATA
4
DATA
3
DATA
2
DATA
1
DATA
0
70
0
0
0
0
ACC
RDY
BUSY
LOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com