Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F521M9TC Datasheet(PDF) 201 Page - STMicroelectronics

Part # ST72F521M9TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521M9TC Datasheet(HTML) 201 Page - STMicroelectronics

Back Button ST72F521M9TC Datasheet HTML 197Page - STMicroelectronics ST72F521M9TC Datasheet HTML 198Page - STMicroelectronics ST72F521M9TC Datasheet HTML 199Page - STMicroelectronics ST72F521M9TC Datasheet HTML 200Page - STMicroelectronics ST72F521M9TC Datasheet HTML 201Page - STMicroelectronics ST72F521M9TC Datasheet HTML 202Page - STMicroelectronics ST72F521M9TC Datasheet HTML 203Page - STMicroelectronics ST72F521M9TC Datasheet HTML 204Page - STMicroelectronics ST72F521M9TC Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 211 page
background image
ST72521
201/211
ST72521 DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
14.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
Customer code is made up of the ROM/FAS-
TROM contents and the list of the selected options
(if any). The ROM/FASTROM contents are to be
sent on diskette, or by electronic means, with the
S19 hexadecimal file generated by the develop-
ment tool. All unused bytes must be set to FFh.
The
selected
options
are
communicated
to
STMicroelectronics using the correctly completed
OPTION LIST appended.
Refer to application note AN1635 for information
on the counter listing returned by ST after code
has been transferred.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Figure 124. ROM Factory Coded Device Types
Table 28. Orderable Flash Device Types
14.2.1 Version-Specific Sales Conditions
To satisfy the different customer requirements and
to ensure that ST Standard Microcontrollers will
consistently meet or exceed the expectations of
each Market Segment, the Codification System for
Standard Microcontrollers clearly distinguishes
products intended for use in automotive environ-
ments, from products intended for use in non-auto-
motive environments.
It is the responsibility of the Customer to select the
appropriate product for his application.
Part Number
Version
Package
Flash
Memory
(Kbytes)
Temp. Range
ST72F521AR6TC
Automotive
TQFP64 10 x 10
32
-40°C +125°C
ST72F521AR9TC
60
ST72F521R6TC
TQFP64 14 x 14
32
ST72F521R9TC
60
ST72F521M9TC
TQFP80
60
ST72F521AR6T6
Standard
TQFP64 10 x 10
32
-40°C +85°C
ST72F521AR9T6
60
ST72F521R6T6
TQFP64 14 x 14
32
ST72F521R9T6
60
ST72F521M9T6
TQFP80
60
DEVICE PACKAGE VERSION
XXX
/
Code name (defined by STMicroelectronics)
1 = Standard 0 to +70 °C
5 = Standard -10 to +85 °C
6 = Standard -40 to +85 °C
A = Automotive -40 to +85 °C
B = Automotive -40 to +105 °C
C = Automotive -40 to +125 °C
T= Plastic Thin Quad Flat Pack
ST72521R9, ST72521R6
ST72521AR9, ST72521AR6
ST72521M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com