Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72622L2M1L Datasheet(PDF) 114 Page - STMicroelectronics

Part # ST72622L2M1L
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72622L2M1L Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ST72622L2M1L Datasheet HTML 110Page - STMicroelectronics ST72622L2M1L Datasheet HTML 111Page - STMicroelectronics ST72622L2M1L Datasheet HTML 112Page - STMicroelectronics ST72622L2M1L Datasheet HTML 113Page - STMicroelectronics ST72622L2M1L Datasheet HTML 114Page - STMicroelectronics ST72622L2M1L Datasheet HTML 115Page - STMicroelectronics ST72622L2M1L Datasheet HTML 116Page - STMicroelectronics ST72622L2M1L Datasheet HTML 117Page - STMicroelectronics ST72622L2M1L Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 132 page
background image
ST7262
114/132
I/O PORT PIN CHARACTERISTICS (Cont’d)
Figure 78. Typical VDD-VOH vs. VDD (high sink port)
12.9 CONTROL PIN CHARACTERISTICS
12.9.1 Asynchronous RESET Pin
Subject to general operating conditions for VDD, fCPÜ, and TA unless otherwise specified.
Notes:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD=5V, not tested in production.
2. Data based on characterization results, not tested in production.
3. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
4. The IIO current sunk must always respect the absolute maximum rating specified in Section 12.2 and the sum of IIO (I/
O ports and control pins) must not exceed IVSS.
5. The RON pull-up equivalent resistor is based on a resistive transistor (corresponding ION current characteristics de-
scribed in Figure 79). This data is based on characterization results, not tested in production.
6. To guarantee the reset of the device, a minimum pulse has to be applied to RESET pin. All short pulses applied on
RESET pin with a duration below th(RSTL)in can be ignored.
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
3.5
4
4.5
5
5.5
6
Vdd (V)
0
0.05
0.1
0.15
0.2
0.25
3.5
4
4.5
5
5.5
6
Vdd (V)
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIH
Input High Level Voltage
0.7xVDD
VDD
V
VIL
Input Low Voltage
VSS
0.3xVDD
V
Vhys
Schmitt trigger voltage hysteresis 3)
400
mV
VOL
Output low level voltage 4)
(see Figure 80, Figure 81)
VDD=5V
IIO=5mA
1
V
IIO=2mA
0.4
RON
Weak pull-up equivalent resistor 5)
VIN=VSS
80
160
280
k
Ω
tw(RSTL)out Generated reset pulse duration
External pin or
internal reset sources
6
30
1/fSFOSC
µs
th(RSTL)in External reset pulse hold time
6)
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com